Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTP5901-IPR Datasheet(PDF) 16 Page - Linear Technology

Part # LTP5901-IPR
Description  SmartMesh IP Network Manager 2.4GHz 802.15.4e Wireless Embedded Manager
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTP5901-IPR Datasheet(HTML) 16 Page - Linear Technology

Back Button LTP5901-IPR Datasheet HTML 12Page - Linear Technology LTP5901-IPR Datasheet HTML 13Page - Linear Technology LTP5901-IPR Datasheet HTML 14Page - Linear Technology LTP5901-IPR Datasheet HTML 15Page - Linear Technology LTP5901-IPR Datasheet HTML 16Page - Linear Technology LTP5901-IPR Datasheet HTML 17Page - Linear Technology LTP5901-IPR Datasheet HTML 18Page - Linear Technology LTP5901-IPR Datasheet HTML 19Page - Linear Technology LTP5901-IPR Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
LTP5901-IPR/LTP5902-IPR
16
59012iprfa
For more information www.linear.com/LTP5901-IPR or www.linear.com/LTP5902-IPR
Typical perFormance characTerisTics
SYNCHRONIZATION ERROR (µs)
–40
40
–10
40
59012IPR G10
30
20
10
0
–30 –20
0
10
20
30
50
60
µ = 0.0
σ = 1.2
N = 22753
SYNCHRONIZATION ERROR (µs)
–40
40
–10
40
59012IPR G11
30
20
10
00
–30 –20
0
10
20
30
50
60
µ = –0.2
σ = 1.2
N = 17008
SYNCHRONIZATION ERROR (µs)
–40
40
–10
40
59012IPR G12
30
20
10
0
–30 –20
0
10
20
30
50
µ = –0.2
σ = 1.2
N = 17007
SYNCHRONIZATION ERROR (µs)
–40
20
25
–10
40
59012IPR G13
15
10
5
0
–30 –20
0
10
20
30
30
35
µ = 0.5
σ = 1.9
N = 85860
SYNCHRONIZATION ERROR (µs)
–40
30
35
–10
40
59012IPR G13
10
5
25
20
15
0
–30 –20
0
10
20
30
40
45
µ = 0.1
σ = 1.5
N = 85858
SYNCHRONIZATION ERROR (µs)
–40
35
–10
40
59012IPR G15
15
10
5
30
25
20
0
–30 –20
0
10
20
30
µ = 0.1
σ = 1.5
N = 85855
SYNCHRONIZATION ERROR (µs)
–40
60
–10
40
59012IPR G16
20
10
50
40
30
0
–30 –20
0
10
20
30
µ = 0.2
σ = 1.4
N = 33932
SYNCHRONIZATION ERROR (µs)
–40
60
–10
40
59012IPR G17
20
10
50
40
30
0
–30 –20
0
10
20
30
µ = 0.0
σ = 1.3
N = 33930
SYNCHRONIZATION ERROR (µs)
–40
–10
40
59012IPR G18
20
10
50
40
30
0
–30 –20
0
10
20
30
µ = –1.0
σ = 1.3
N = 33929
TIMEn Synchronization Error
1 Packet/s Publishing Rate,
1 Hop, Room Temperature
TIMEn Synchronization Error
1 Packet/s Publishing Rate,
1 Hop, 2°C/Min.
TIMEn Synchronization Error
1 Packet/s Publishing Rate,
1 Hop, 8°C/Min.
TIMEn Synchronization Error
1 Packet/s Publishing Rate,
3 Hops, Room Temperature
TIMEn Synchronization Error
1 Packet/s Publishing Rate,
3 Hops, 2°C/Min.
TIMEn Synchronization Error
1 Packet/s Publishing Rate,
3 Hops, 8°C/Min.
TIMEn Synchronization Error
1 Packet/s Publishing Rate,
5 Hops, Room Temperature
TIMEn Synchronization Error
1 Packet/s Publishing Rate,
5 Hops, 2°C/Min.
TIMEn Synchronization Error
1 Packet/s Publishing Rate,
5 Hops, 8°C/Min.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com