Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTP5901-IPR Datasheet(PDF) 13 Page - Linear Technology

Part # LTP5901-IPR
Description  SmartMesh IP Network Manager 2.4GHz 802.15.4e Wireless Embedded Manager
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTP5901-IPR Datasheet(HTML) 13 Page - Linear Technology

Back Button LTP5901-IPR Datasheet HTML 9Page - Linear Technology LTP5901-IPR Datasheet HTML 10Page - Linear Technology LTP5901-IPR Datasheet HTML 11Page - Linear Technology LTP5901-IPR Datasheet HTML 12Page - Linear Technology LTP5901-IPR Datasheet HTML 13Page - Linear Technology LTP5901-IPR Datasheet HTML 14Page - Linear Technology LTP5901-IPR Datasheet HTML 15Page - Linear Technology LTP5901-IPR Datasheet HTML 16Page - Linear Technology LTP5901-IPR Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
LTP5901-IPR/LTP5902-IPR
13
59012iprfa
For more information www.linear.com/LTP5901-IPR or www.linear.com/LTP5902-IPR
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: ESD (electrostatic discharge) sensitive device. ESD protection
devices are used extensively internal to Eterna. However, high electrostatic
discharge can damage or degrade the device. Use proper ESD handling
precautions.
Note 3: Extended storage at high temperature is discouraged, as this
negatively affects the data retention of Eterna’s calibration data. See
FLASH Data Retention section for details.
Note 4: Actual RF range is subject to a number of installation-specific
variables including, but not restricted to ambient temperature, relative
humidity, presence of active interference sources, line-of-sight obstacles,
and near-presence of objects (for example, trees, walls, signage, and so
on) that may induce multipath fading. As a result, range varies.
Note 5: As specified by IEEE Std. 802.15.4-2006: Wireless Medium
Access Control (MAC) and Physical Layer (PHY) specifications for Low-
Rate Wireless Personal Area Networks (LR-WPANs) http://standards.ieee.
org/findstds/standard/802.15.4-2011.html.
Note 6: IEEE Std. 802.15.4-2006 requires transmitters to maintain a
frequency tolerance of better than ±40ppm.
Note 7: Per pin I/O types are provided in the Pin Functions section.
Note 8: VIH maximum voltage input must respect the VSUPPLY maximum
voltage specification.
Note 9: See the SmartMesh IP Manager API Guide for the time indication
notification definition.
Note 10: Network time accuracy is a statistical measure and varies over
the temperature range, reporting rate and the location of the device relative
to the manager in the network. See Typical Performance Characteristics
section for a more detailed description.
Note 11: Code execution from flash banks being written or erased is
suspended until completion of the flash operation.
Note 12: Guaranteed by design. Not production tested.
exTernal bus ac characTerisTics The
l
denotes the specifications which apply over the full
operating temperature range, otherwise specifications are at TA = 25°C and VSUPPLY = 3.6V unless otherwise noted. (Note 12)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com