Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTP5901-IPR Datasheet(PDF) 5 Page - Linear Technology

Part # LTP5901-IPR
Description  SmartMesh IP Network Manager 2.4GHz 802.15.4e Wireless Embedded Manager
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTP5901-IPR Datasheet(HTML) 5 Page - Linear Technology

  LTP5901-IPR Datasheet HTML 1Page - Linear Technology LTP5901-IPR Datasheet HTML 2Page - Linear Technology LTP5901-IPR Datasheet HTML 3Page - Linear Technology LTP5901-IPR Datasheet HTML 4Page - Linear Technology LTP5901-IPR Datasheet HTML 5Page - Linear Technology LTP5901-IPR Datasheet HTML 6Page - Linear Technology LTP5901-IPR Datasheet HTML 7Page - Linear Technology LTP5901-IPR Datasheet HTML 8Page - Linear Technology LTP5901-IPR Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
LTP5901-IPR/LTP5902-IPR
5
59012iprfa
For more information www.linear.com/LTP5901-IPR or www.linear.com/LTP5902-IPR
orDer inFormaTion
LEAD FREE FINISH†
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTP5901IPC-IPMA#PBF
LTP5901IPC-IPMA#PBF
66-Lead (42mm × 24mm × 5.5mm) PCB with Chip Antenna
–40°C to 85°C
LTP5902IPC-IPMA#PBF
LTP5902IPC-IPMA#PBF
66-Lead (37.5mm × 24mm × 5.5mm) PCB with MMCX
Connector
–40°C to 85°C
†This product ships with the flash erased at the time of order. OEMs will need to program devices during development and manufacturing.
For legacy part numbers and ordering information go to: www.linear.com/ltp5901-ipr#orderinfo or www.linear.com/ltp5902-ipr#orderinfo
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
*The temperature grade is identified by a label on the shipping container.
recommenDeD operaTing conDiTions
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VSUPPLY Supply Voltage
Including Noise and Load Regulation
l
2.1
3.76
V
Supply Noise
50Hz to 2MHz
l
250
mV
Operating Relative Humidity
Non-Condensing
l
10
90
% RH
Temperature Ramp Rate While Operating in
Network
l
–8
8
°C/min
The l denotes the specifications which apply over
the full operating temperature range, otherwise specifications are at TA = 25°C and VSUPPLY = 3.6V unless otherwise noted.
Dc characTerisTics
OPERATION/STATE
CONDITIONS
MIN
TYP
MAX
UNITS
Power-On Reset
During Power-On Reset, Maximum 750µs + VSUPPLY Rise Time from 1V to
1.9V
12
mA
Doze
RAM on, ARM Cortex-M3, Flash, Radio, and Peripherals Off, All Data and
State Retained, 32.768kHz Reference Active
1.2
µA
Deep Sleep
RAM on, ARM Cortex-M3, Flash, Radio, and Peripherals Off, All Data and
State Retained, 32.768kHz Reference Inactive
0.8
µA
In-Circuit Programming
RESETn and FLASH_P_ENn Asserted, IPCS_SCK at 8MHz
20
mA
Peak Operating Current
8dBm
0dBm
System Operating at 14.7MHz, Radio Transmitting, During Flash Write.
Maximum Duration 4.33 ms.
30
26
mA
mA
Active
ARM Cortex-M3, RAM and Flash Operating, Radio and All Other Peripherals
Off. Clock Frequency of CPU and Peripherals Set to 7.3728MHz, VCORE =
1.2V
1.3
mA
Flash Write
Single Bank Flash Write
3.7
mA
Flash Erase
Single Bank Page or Mass Erase
2.5
mA
Radio Tx
0dBm
8dBm
Current with Autonomous MAC Managing Radio Operation, CPU Inactive.
Clock Frequency of CPU and Peripherals Set to 7.3728MHz.
5.4
9.7
mA
mA
Radio Rx
Current with Autonomous MAC Managing Radio Operation, CPU Inactive.
Clock Frequency of CPU and Peripherals Set to 7.3728MHz.
4.5
mA
The l denotes the specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C and VSUPPLY = 3.6V unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com