Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTP5901-IPR Datasheet(PDF) 29 Page - Linear Technology

Part # LTP5901-IPR
Description  SmartMesh IP Network Manager 2.4GHz 802.15.4e Wireless Embedded Manager
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTP5901-IPR Datasheet(HTML) 29 Page - Linear Technology

Back Button LTP5901-IPR Datasheet HTML 25Page - Linear Technology LTP5901-IPR Datasheet HTML 26Page - Linear Technology LTP5901-IPR Datasheet HTML 27Page - Linear Technology LTP5901-IPR Datasheet HTML 28Page - Linear Technology LTP5901-IPR Datasheet HTML 29Page - Linear Technology LTP5901-IPR Datasheet HTML 30Page - Linear Technology LTP5901-IPR Datasheet HTML 31Page - Linear Technology LTP5901-IPR Datasheet HTML 32Page - Linear Technology LTP5901-IPR Datasheet HTML 33Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
LTP5901-IPR/LTP5902-IPR
29
59012iprfa
For more information www.linear.com/LTP5901-IPR or www.linear.com/LTP5902-IPR
Doze State
The doze state consumes orders of magnitude less cur-
rent than the active state and is entered when all of the
peripherals and the CPU are inactive. In the Doze state
Eterna’s full state is retained, timing is maintained, and
Eterna is configured to detect, wake, and rapidly respond
to activity on I/Os (such as UART signals and the TIMEn
pin). In the doze state the 32.768kHz oscillator and as-
sociated timers are active.
Active State
In the active state, Eterna’s relaxation oscillator is running
and peripherals are enabled as needed. The ARM Cortex-
M3 cycles between CPU-active and CPU-inactive (referred
to in the ARM Cortex-M3 literature as sleep now mode).
Eterna’s extensive use of DMA and intelligent peripherals
that independently move Eterna between active state and
doze state minimizes the time the CPU is active, signifi-
cantly reducing Eterna’s energy consumption.
operaTion
REGULATORY AND STANDARDS COMPLIANCE
Radio Certification
The LTP5901 and LTP5902 have been certified under a
single modular certification, with the module name of
ETERNA2.Followingtheregulatoryrequirementsprovided
in the ETERNA2 Users Guide can enable customers to
ship products in the supported geographies, by simply
completing an unintentional radiator scan of the finished
product(s). The ETERNA2 Users Guide also provides the
technical information needed to enable customers to fur-
ther certify either the modules or products based upon the
modules in geographies that have not or do not support
modular certification.
Compliance to Restriction of Hazardous Substances
(RoHS)
Restriction of hazardous substances 2(RoHS 2) is a
directive that places maximum concentration limits on
the use of certain hazardous substances in electrical and
electronic equipment. Linear Technology is committed to
meeting the requirements of the European Community
directive 2011/65/EU.
This product has been specifically designed to utilize
RoHS-compliant materials and to eliminate or reduce the
use of restricted materials to comply with 2011/65/EU.
applicaTions inFormaTion
The RoHS-compliant design features include:
• RoHS-compliant solder for solder joints
• RoHS-compliant base metal alloys
• RoHS-compliant precious metal plating
• RoHS-compliant cable assemblies and connector
choices
• Halogen-free mold compound
• RoHS-compliant and 245°C re-flow compatible
Note: Customers may elect to use certain types of lead-
free solder alloys in accordance with the European Com-
munity directive 2011/65/EU. Depending on the type of
solder paste chosen, a corresponding process change to
optimize reflow temperatures may be required.
SOLDERING INFORMATION
The LTP5901 and LTP5902 are suitable for both eutectic
PbSn and RoHS-6 reflow. The maximum reflow solder-
ing temperature is 260°C. A more detailed description of
layoutrecommendations,assemblyproceduresanddesign
considerations is included in the LTP5901 and LTP5902
Hardware Integration Guide.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com