Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTP5901-IPR Datasheet(PDF) 22 Page - Linear Technology

Part # LTP5901-IPR
Description  SmartMesh IP Network Manager 2.4GHz 802.15.4e Wireless Embedded Manager
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTP5901-IPR Datasheet(HTML) 22 Page - Linear Technology

Back Button LTP5901-IPR Datasheet HTML 18Page - Linear Technology LTP5901-IPR Datasheet HTML 19Page - Linear Technology LTP5901-IPR Datasheet HTML 20Page - Linear Technology LTP5901-IPR Datasheet HTML 21Page - Linear Technology LTP5901-IPR Datasheet HTML 22Page - Linear Technology LTP5901-IPR Datasheet HTML 23Page - Linear Technology LTP5901-IPR Datasheet HTML 24Page - Linear Technology LTP5901-IPR Datasheet HTML 25Page - Linear Technology LTP5901-IPR Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
LTP5901-IPR/LTP5902-IPR
22
59012iprfa
For more information www.linear.com/LTP5901-IPR or www.linear.com/LTP5902-IPR
operaTion
TheLTP5901/LTP5902istheworld’smostenergy-efficient
IEEE 802.15.4 compliant platform, enabling battery and
energyharvestedapplications.Withapowerful32-bitARM
Cortex-M3, best-in-class radio, flash, RAM and purpose-
built peripherals, Eterna provides a flexible, scalable and
robust networking solution for applications demanding
minimal energy consumption and data reliability in even
the most challenging RF environments.
Shown in Figure 10, Eterna integrates purpose-built pe-
ripheralsthatexcelinbothlowoperating-energyconsump-
tion and the ability to rapidly and precisely cycle between
operating and low power states. Items in the gray shaded
region labeled analog core correspond to the analog/RF
components.
Figure 10. Eterna Block Diagram
4-BIT
DAC
VGA
BPF
PPF
AGC
LPF
ADC
DAC
10-BIT
ADC
PLL
RSSI
LNA
PA
20MHz
32kHz
32kHz, 20MHz
PTAT
59012IPR F10
BAT
LOAD
LIMITER
VOLTAGE REFERENCE
ANALOG CORE
DIGITAL CORE
CORE REGULATOR
CLOCK REGULATOR
ANALOG REGULATOR
PA
DC/DC
CONVERTER
PRIMARY
DC/DC
CONVERTER
RELAXATION
OSCILLATOR
PoR
TIMERS
SCHED
SRAM
72kB
FLASH
512kB
FLASH
CONTROLLER
CODE
AES
AUTO
MAC
802.15.4
MOD
802.15.4
FRAMING
DMA
IPCS
SPI
SLAVE
CLI
UART
(2 PIN)
API
UART
(6 PIN)
ADC
CTRL
802.15.4
DEMOD
SYSTEM
PMU/
CLOCK
CONTROL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com