Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTP5901-IPR Datasheet(PDF) 11 Page - Linear Technology

Part # LTP5901-IPR
Description  SmartMesh IP Network Manager 2.4GHz 802.15.4e Wireless Embedded Manager
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTP5901-IPR Datasheet(HTML) 11 Page - Linear Technology

Back Button LTP5901-IPR Datasheet HTML 7Page - Linear Technology LTP5901-IPR Datasheet HTML 8Page - Linear Technology LTP5901-IPR Datasheet HTML 9Page - Linear Technology LTP5901-IPR Datasheet HTML 10Page - Linear Technology LTP5901-IPR Datasheet HTML 11Page - Linear Technology LTP5901-IPR Datasheet HTML 12Page - Linear Technology LTP5901-IPR Datasheet HTML 13Page - Linear Technology LTP5901-IPR Datasheet HTML 14Page - Linear Technology LTP5901-IPR Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
LTP5901-IPR/LTP5902-IPR
11
59012iprfa
For more information www.linear.com/LTP5901-IPR or www.linear.com/LTP5902-IPR
Figure 4. Flash Programming Interface Timing
59012IPR F04
IPCS_SCK
IPCS_MOSI
IPCS_SSn
RESETn
FLASH_P_ENn
tFP_EN_TO_RESET
tFP_ENTER
tSSS
tDIS
tDIH
tCK
tSSH
tFP_EXIT
Flash spi slave ac characTerisTics
exTernal bus ac characTerisTics The
l
denotes the specifications which apply over the full
operating temperature range, otherwise specifications are at TA = 25°C and VSUPPLY = 3.6V unless otherwise noted. (Note 12)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tLEPW
EB_IO_LE0, EB_IO_LE1, EB_IO_LE2 Pulse
Width
l
100
ns
tAH
EB_DATA_[7:0] Address Hold from the
Rising Edge of EB_IO_LE0, EB_IO_LE1, and
EB_IO_LE2
EB_DATA_[7:0] During Address
Phase
l
90
ns
tAV_to_DL
EB_ADDR_[1:0] Address Valid Until
EB_DATA_[7:0] Data Latched
l
90
ns
tCSn_to_OEn
EB_CS0n Asserted Until EB_OEn Asserted
l
150
ns
tCSn
EB_CS0n Asserted
l
100
ns
tSU_to_CSn
EB_ADDR_[1:0], EB_IO_WEn Setup to
EB_CSn Asserted
l
50
ns
tH_from_CSn
EB_ADDR_[1:0], EB_IO_WEn Hold from
EB_CSn Negated
l
50
ns
The l denotes the specifications which apply over the full
operating temperature range, otherwise specifications are at TA = 25°C and VSUPPLY = 3.6V unless otherwise noted. (Note 12)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com