Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8331 Datasheet(PDF) 6 Page - Linear Technology

Part # LT8331
Description  Low IQ Boost/SEPIC/ Flyback/Inverting Converter with 0.5A, 140V Switch
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8331 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT8331 Datasheet HTML 2Page - Linear Technology LT8331 Datasheet HTML 3Page - Linear Technology LT8331 Datasheet HTML 4Page - Linear Technology LT8331 Datasheet HTML 5Page - Linear Technology LT8331 Datasheet HTML 6Page - Linear Technology LT8331 Datasheet HTML 7Page - Linear Technology LT8331 Datasheet HTML 8Page - Linear Technology LT8331 Datasheet HTML 9Page - Linear Technology LT8331 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
LT8331
6
8331fa
For more information www.linear.com/LT8331
PIN FUNCTIONS
EN/UVLO (Pin 1): Shutdown and Undervoltage Detect Pin.
The LT8331 is shut down when this pin is low and active
when this pin is high. Below an accurate 1.6V threshold,
the part enters undervoltage lockout and stops switching.
This allows an undervoltage lockout (UVLO) threshold to
be programmed for system input voltage by resistively
dividing down system input voltage to the EN/UVLO pin.
A 140mV pin hysteresis ensures part switching resumes
when the pin exceeds 1.74V. EN/UVLO pin voltage below
0.2V reduces VIN current below 1µA. If shutdown and
UVLO features are not required, the pin can be tied directly
to system input.
VIN(Pin3):InputSupply.Thispinmustbelocallybypassed.
Be sure to place the positive terminal of the input capaci-
tor as close as possible to the VIN pin, and the negative
terminal as close as possible to the exposed pad PGND
copper (near Pin 1).
INTVCC(Pin5): Regulated3.2VSupplyforInternalLoads.
TheINTVCCpinmustbebypassedwithaminimum1µFlow
ESR ceramic capacitor to GND. No additional components
or loading is allowed on this pin. INTVCC draws power
from the BIAS pin if 4.4V ≤ BIAS ≤ VIN – 0.4V, otherwise
INTVCC is powered by the VIN pin.
NC (Pins 6, 8): No Internal Connection. Leave these pins
open.
BIAS (Pin 7): Second Input Supply for Powering INTVCC.
Removes the majority of INTVCC current from the VIN pin
to improve efficiency when 4.4V ≤ BIAS ≤ VIN – 0.4V. If
unused, tie the pin to GND copper.
FBX (Pin 9): Voltage Regulation Feedback Pin for Positive
or Negative Outputs. Connect this pin to a resistor divider
betweentheoutputandtheexposedpadGNDcopper(near
Pin 9). FBX reduces the switching frequency during start-
up and fault conditions when FBX is close to 0V.
RT (Pin 10): A resistor from this pin to the exposed pad
GND copper (near Pin 9) programs switching frequency.
SS (Pin 11): Soft-Start Pin. Connect a capacitor from this
pin to GND copper (near Pin 9) to control the ramp rate of
inductorcurrentduringconverterstart-up.SSpincharging
current is 2μA. An internal 250Ω MOSFET discharges this
pin during shutdown or fault conditions.
SYNC/MODE (Pin 12): This pin allows three selectable
modes for optimization of performance.
1. GND: For Burst Mode operation (low IQandlowoutput
voltage ripple at light loads).
2. ExternalClock:Forsynchronizedswitchingfrequency.
3. INTVCC: For pulse-skipping mode (at light load or low
duty cycle).
SW1, SW2 (Pins 14, 16): Outputs of the Internal Power
Switch. Minimize the metal trace area connected to these
pins to reduce EMI.
PGND,GND (Pin 17): Power Ground and Signal Ground
for the IC. The package has an exposed pad (Pin  17)
underneath the IC which is the best path for heat out of
the package. Pin 17 should be soldered to a continuous
copper ground plane under the device to reduce die tem-
perature and increase the power capability of the LT8331.
Connect power ground components to the exposed pad
copper exiting near Pins 1, 14 and 16. Connect signal
ground components to the exposed pad copper exiting
near Pins 8 and 9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com