Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8331 Datasheet(PDF) 11 Page - Linear Technology

Part # LT8331
Description  Low IQ Boost/SEPIC/ Flyback/Inverting Converter with 0.5A, 140V Switch
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8331 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT8331 Datasheet HTML 7Page - Linear Technology LT8331 Datasheet HTML 8Page - Linear Technology LT8331 Datasheet HTML 9Page - Linear Technology LT8331 Datasheet HTML 10Page - Linear Technology LT8331 Datasheet HTML 11Page - Linear Technology LT8331 Datasheet HTML 12Page - Linear Technology LT8331 Datasheet HTML 13Page - Linear Technology LT8331 Datasheet HTML 14Page - Linear Technology LT8331 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
LT8331
11
8331fa
For more information www.linear.com/LT8331
the minimum and/or maximum allowed duty cycles
for the LT8331, operation in discontinuous conduction
mode (DCM) might provide a solution. For the same VIN
and VOUT levels, operation in DCM does not demand as
low a duty cycle as in CCM. DCM also allows higher duty
cycle operation than CCM. The additional advantage of
DCM is the removal of the limitations to inductor value
anddutycyclerequiredtoavoidsub-harmonicoscillations
and the right half plane zero (RHPZ). While DCM provides
these benefits, the trade-off is higher inductor peak cur-
rent, lower available output power and reduced efficiency.
SETTING THE OUTPUT VOLTAGE
The output voltage is programmed with a resistor divider
from the output to the FBX pin. Choose the resistor values
for a positive output voltage according to:
R1 = R2 •
VOUT
1.60V
– 1


Choose the resistor values for a negative output voltage
according to:
R1 = R2 •
|VOUT|
0.80V
– 1


The locations of R1 and R2 are shown in the Block Dia-
gram. 1% resistors are recommended to maintain output
voltage accuracy.
Higher-value FBX divider resistors result in the lowest
input quiescent current and highest light-load efficiency.
FBX divider resistors R1 and R2 are usually in the range
from 25k to 1M.
SOFT-START
The LT8331 contains several features to limit peak switch
currents and output voltage (VOUT) overshoot during
start-up or recovery from a fault condition. The primary
purpose of these features is to prevent damage to external
components or the load.
High peak switch currents during start-up may occur in
switching regulators. Since VOUT is far from its final value,
the feedback loop is saturated and the regulator tries to
chargetheoutputcapacitorasquicklyaspossible,resulting
in large peak currents. A large surge current may cause
inductor saturation or power switch failure.
The LT8331 addresses this mechanism with a program-
mable soft-start function. As shown in the Block Diagram,
thesoft-startfunctioncontrolstherampofthepowerswitch
current by controlling the ramp of VC through Q1. This
allowstheoutputcapacitortobechargedgraduallytoward
its final value while limiting the start-up peak currents.
Figure 3 shows the output voltage and supply current for
the first page Typical Application. It can be seen that both
the output voltage and supply current come up gradually.
Figure 3. Soft-Start Waveforms
FAULT PROTECTION
An inductor overcurrent fault (> 1.15A) and/or INTVCC
undervoltage (INTVCC < 2.5V) and/or thermal lockout
(TJ  >  170°C) will immediately prevent switching, will
reset the SS pin and will pull down VC. Once all faults are
removed, the LT8331 will soft-start VC and hence induc-
tor peak current.
FREQUENCY FOLDBACK
Duringstart-uporfaultconditionsinwhichVOUTisverylow,
extremely small duty cycles may be required to maintain
control of inductor peak current. The minimum on-time
limitationofthepowerswitchmightpreventtheselowduty
cycles from being achievable. In this scenario inductor
current rise will exceed inductor current fall during each
cycle, causing inductor current to “walk up” beyond the
switch current limit. The LT8331 provides protection from
thisbyfoldingbackswitchingfrequencywheneverFBXpin
APPLICATIONS INFORMATION
2ms/DIV
VOUT
20V/DIV
IL1+IL2
100mA/DIV
8331 F03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com