Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8331 Datasheet(PDF) 16 Page - Linear Technology

Part # LT8331
Description  Low IQ Boost/SEPIC/ Flyback/Inverting Converter with 0.5A, 140V Switch
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8331 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT8331 Datasheet HTML 12Page - Linear Technology LT8331 Datasheet HTML 13Page - Linear Technology LT8331 Datasheet HTML 14Page - Linear Technology LT8331 Datasheet HTML 15Page - Linear Technology LT8331 Datasheet HTML 16Page - Linear Technology LT8331 Datasheet HTML 17Page - Linear Technology LT8331 Datasheet HTML 18Page - Linear Technology LT8331 Datasheet HTML 19Page - Linear Technology LT8331 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
LT8331
16
8331fa
For more information www.linear.com/LT8331
APPLICATIONS INFORMATION
Figure 7. Waveforms of the Flyback Converter
in Discontinuous Mode Operation
8331 F07
ISW
VSW
ID
t
DTS
D2TS
D3TS
ID(MAX)
TS
smaller transformer inductances and easy loop compen-
sation, and the disadvantage of higher peak-to-average
current and lower efficiency.
Flyback Converter: Switch Duty Cycle and Turns Ratio
The flyback converter conversion ratio in the continuous
mode operation is:
VOUT
VIN
=
NS
NP
•
D
1
− D
where NS/NP is the second to primary turns ratio. D is
duty cycle.
Figure 7 shows the waveforms of the flyback converter
in discontinuous mode operation. During each switching
period TS, three subintervals occur: DTS, D2TS, D3TS.
During DTS, M is on, and D is reverse-biased. During
D2TS, M is off, and LS is conducting current. Both LP and
LS currents are zero during D3TS.
The flyback converter conversion ratio in the discontinu-
ous mode operation is:
VOUT
VIN
=
NS
NP
•
D
D2
According to Figure 6, the peak SW voltage is:
VSW(PEAK) = VIN(MAX) + VSN
where VSN is the snubber capacitor voltage. A smaller VSN
results in a larger snubber loss. A reasonable VSN is 1.5
to 2 times of the reflected output voltage:
VSN = k •
VOUT • NP
NS
k = 1.5 ~ 2
AccordingtotheAbsoluteMaximumRatingstable,theSW
voltage Absolute Maximum value is 140V. Therefore, the
maximum primary to secondary turns ratio (for both the
continuous and the discontinuous operation) should be:
NP
NS
≤
140V
− VIN(MAX)
k • VOUT
Accordingtotheprecedingequations,theuserhasrelative
freedom in selecting the switch duty cycle or turns ratio to
suit a given application. The selections of the duty cycle
and the turns ratio are somewhat iterative processes, due
to the number of variables involved. The user can choose
either a duty cycle or a turns ratio as the start point. The
following trade-offs should be considered when select-
ing the switch duty cycle or turns ratio, to optimize the
Figure 6. A Simplified Flyback Converter
NP:NS
VIN
CIN
CSN
VSN
LP
D
SUGGESTED
RCD SNUBBER
ID
ISW
8331 F06
GND
SW
LT8331
LS
+
–
RSN
DSN
+
–
+
VOUT
COUT
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com