Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8331 Datasheet(PDF) 17 Page - Linear Technology

Part # LT8331
Description  Low IQ Boost/SEPIC/ Flyback/Inverting Converter with 0.5A, 140V Switch
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8331 Datasheet(HTML) 17 Page - Linear Technology

Back Button LT8331 Datasheet HTML 13Page - Linear Technology LT8331 Datasheet HTML 14Page - Linear Technology LT8331 Datasheet HTML 15Page - Linear Technology LT8331 Datasheet HTML 16Page - Linear Technology LT8331 Datasheet HTML 17Page - Linear Technology LT8331 Datasheet HTML 18Page - Linear Technology LT8331 Datasheet HTML 19Page - Linear Technology LT8331 Datasheet HTML 20Page - Linear Technology LT8331 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
LT8331
17
8331fa
For more information www.linear.com/LT8331
APPLICATIONS INFORMATION
converter performance. A higher duty cycle affects the
flyback converter in the following aspects:
n
LowerswitchRMScurrentISW(RMS),buthigherswitch
VSW peak voltage
n
Lower diode peak reverse voltage, but higher diode
RMS current ID(RMS)
n
Higher transformer turns ratio (NP/NS)
It is recommended to choose a duty cycle between 20%
and 80%.
Flyback Converter: Maximum Output Current
Capability and Transformer Design
The maximum output current capability and transformer
design for continuous conduction mode (CCM) is chosen
as presented here.
Themaximumdutycycle(DMAX)occurswhentheconverter
has the minimum VIN:
DMAX =
VOUT •
NP
NS


VOUT •
NP
NS

 + VIN(MIN)
Due to the current limit of its internal power switch, the
LT8331 should be used in a flyback converter whose
maximum output current (IO(MAX)) is:
IO(MAX) ≤
VIN(MIN)
VOUT
• DMAX • 0.5A − 0.5 • ∆ISW
(
) • η
where
η (< 1.0) is the converter efficiency. Minimum
possible inductor value and switching frequency should
also be considered since they will increase inductor ripple
current ∆ISW.
The transformer ripple current ∆ISW has a direct effect on
the design/choice of the transformer and the converter’s
output current capability. Choosing smaller values of ∆ISW
increases the output current capability, but requires large
primary and secondary inductances and reduces the cur-
rent loop gain (the converter will approach voltage mode).
Accepting larger values of ∆ISW allows the use of low
primary and secondary inductances, but results in higher
input current ripple, greater core losses, and reduces the
output current capability. It is recommended to choose a
∆ISW of approximately 0.2A to 0.3A.
Givenanoperatinginputvoltagerange,andhavingchosen
the operating frequency and ripple current in the primary
winding,theprimarywindinginductancecanbecalculated
using the following equation:
L
=
VIN(MIN)
∆ISW • fOSC
• DMAX
Theprimarywindingpeakcurrentistheswitchcurrentlimit
(maximum 0.7A). The primary and secondary maximum
RMS currents are:
ILP(RMS) ≈
POUT(MAX)
DMAX • VIN(MIN) • η
ILS(RMS) ≈
IOUT(MAX)
1
− DMAX
Basedontheprecedingequations,theusershoulddesign/
choose the transformer having sufficient saturation and
RMS current ratings.
Flyback Converter: Snubber Design
Transformer leakage inductance (on either the primary or
secondary) causes a voltage spike to occur after the MOS-
FET turn-off. This is increasingly prominent at higher load
currents, where more stored energy must be dissipated.
In some cases a snubber circuit will be required to avoid
overvoltagebreakdownattheMOSFET’sdrainnode.There
are different snubber circuits (such as RC snubber, RCD
snubber, etc.) and Application Note 19 is a good reference
on snubber design. An RCD snubber is shown in Figure 6.
The snubber resistor value (RSN) can be calculated by the
following equation:
RSN = 2 •
V2SN − VSN • VOUT •
NP
NS
I2SW(PEAK) • LLK • fOSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com