Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8331 Datasheet(PDF) 25 Page - Linear Technology

Part # LT8331
Description  Low IQ Boost/SEPIC/ Flyback/Inverting Converter with 0.5A, 140V Switch
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8331 Datasheet(HTML) 25 Page - Linear Technology

Back Button LT8331 Datasheet HTML 21Page - Linear Technology LT8331 Datasheet HTML 22Page - Linear Technology LT8331 Datasheet HTML 23Page - Linear Technology LT8331 Datasheet HTML 24Page - Linear Technology LT8331 Datasheet HTML 25Page - Linear Technology LT8331 Datasheet HTML 26Page - Linear Technology LT8331 Datasheet HTML 27Page - Linear Technology LT8331 Datasheet HTML 28Page - Linear Technology LT8331 Datasheet HTML 29Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
LT8331
25
8331fa
For more information www.linear.com/LT8331
TYPICAL APPLICATIONS
4.5V to 80V Input, 12V SEPIC Converter
4.5V to 80V Input, 5V SEPIC Converter
8331 TA07
•
D1: ROHM RB578VAM100TR
L1, L2: COILTRONICS DRQ74-330
C1: MURATA GRM32ER72A105KA01L
C3: MURATA GRM32ER71E226KE15L
C5: MURATA GRM31CR72A105KA01L
R2
154k
C5
1µF
R3
1M
R4
787k
C4
0.1µF
R5
63.4k
C2
1µF
VOUT = 12V
IN
SW1-2
EN/UVLO
LT8331
VIN
4.5V TO
80V
L1
33H
R1
1M
L2
33H
75mA AT VIN = 4.5V
120mA AT VIN = 12V
120mA AT VIN = 24V
120mA AT VIN = 48V
120mA AT VIN = 80V
SYNC/MODE
GND
FBX
BIAS
SS
VOUT
450kHz
C3
22µF
C1
1µF
×2
V
RT
INTVCC
D1
INTVCC
INTVCC
8331 TA08
•
D1: ROHM RB578VAM100TR
L1, L2: COILTRONICS DRQ74-330
C1: MURATA GRM32ER72A105KA01L
C3: MURATA GRM31CR61A476ME15L
C5: MURATA GRM31CR72A105KA01L
R2
464k
C5
1µF
R3
1M
R4
787k
C4
0.1µF
R5
100k
C2
1µF
VOUT = 5V
IN
SW1-2
EN/UVLO
LT8331
VIN
4.5V TO
80V
L1
33H
R1
1M
L2
33H
130mA AT VIN = 4.5V
175mA AT VIN = 12V
180mA AT VIN = 24V
180mA AT VIN = 48V
180mA AT VIN = 80V
SYNC/MODE
GND
FBX
BIAS
SS
VOUT
300kHz
C3
47µF
×2
C1
1µF
V
RT
INTVCC
D1
INTVCC
INTVCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com