Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8331 Datasheet(PDF) 1 Page - Linear Technology

Part # LT8331
Description  Low IQ Boost/SEPIC/ Flyback/Inverting Converter with 0.5A, 140V Switch
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8331 Datasheet(HTML) 1 Page - Linear Technology

  LT8331 Datasheet HTML 1Page - Linear Technology LT8331 Datasheet HTML 2Page - Linear Technology LT8331 Datasheet HTML 3Page - Linear Technology LT8331 Datasheet HTML 4Page - Linear Technology LT8331 Datasheet HTML 5Page - Linear Technology LT8331 Datasheet HTML 6Page - Linear Technology LT8331 Datasheet HTML 7Page - Linear Technology LT8331 Datasheet HTML 8Page - Linear Technology LT8331 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
LT8331
1
8331fa
For more information www.linear.com/LT8331
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Low IQ Boost/SEPIC/
Flyback/Inverting Converter
with 0.5A, 140V Switch
The LT®8331 is a current mode DC/DC converter with a
140V, 0.5A switch operating from a 4.5V to 100V input.
With a unique single feedback pin architecture, it is ca-
pable of boost, SEPIC, flyback or inverting configurations.
Burst Mode operation consumes as low as 6μA quiescent
current to maintain high efficiency at very low output cur-
rents, while keeping typical output ripple below 20mV.
The internally-compensated current mode architecture
results in stable operation over a wide range of input and
output voltages and programmable switching frequencies
between 100kHz to 500kHz. A SYNC/MODE pin allows
synchronization to an external clock. It can also be used to
selectbetweenburstorpulse-skippingmodesofoperation.
For increased efficiency, a BIAS pin can accept a second
input to supply the INTVCC regulator. Additional features
include frequency foldback and programmable soft-start
for controlling inductor current during start-up.
The LT8331 is available in a thermally-enhanced MSOP
package with four pins removed for high voltage spacings.
48V Output SEPIC Converter
APPLICATIONS
n
Wide Input Voltage Range: 4.5V to 100V
n
Ultralow Quiescent Current and Low Ripple
Burst Mode® Operation: IQ = 6µA
n
0.5A, 140V Power Switch
n
Positive or Negative Output Voltage Programming
with a Single Feedback Pin
n
Programmable Frequency (100kHz to 500kHz)
n
Synchronizable to an External Clock
n
BIAS Pin for Higher Efficiency
n
Programmable Undervoltage Lockout (UVLO)
n
Thermally-Enhanced High Voltage MSOP Package
n
Industrial and Automotive
n
Telecom
n
Medical Diagnostic Equipment
n
Portable Electronics
L
, LT, LTC, LTM, Linear Technology, the Linear logo, and Burst Mode are registered trademarks
of Linear Technology Corporation. All other trademarks are the property of their respective
owners.
Efficiency and Power Loss
8331 TA01a
•
34.8k
2.2µF
1M
59k
0.1µF
63.4k
1µF
VOUT = 48V
IN
SW1-2
EN/UVLO
LT8331
VIN
36V TO
72V
220H
1M
220H
150mA AT VIN = 36V
165mA AT VIN = 48V
190mA AT VIN = 72V
SYNC/MODE
GND
FBX
BIAS
SS
VOUT
450kHz
4.7µF
×4
1µF
×2
V
RT
INTVCC
EFFICIENCY
POWER LOSS
VIN = 36V
VIN = 48V
VIN = 72V
LOAD CURRENT (mA)
0
50
100
150
200
0
10
20
30
40
50
60
70
80
90
100
0
0.5
1.0
1.5
2.0
8331 TA01b


Similar Part No. - LT8331

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LT8331 AD-LT8331 Datasheet
1Mb / 30P
Low IQ Boost/SEPIC/Flyback/Inverting Converter with 0.5A, 140V Switch
03/20-REV.C
LT8331 AD-LT8331 Datasheet
1Mb / 24P
28V, 5A Low IQ Synchronous Step-Up Silent Switcher with PassThru
LT8331 AD-LT8331 Datasheet
1Mb / 24P
Low IQ Boost/SEPIC/Inverting Converter with 5A, 40V Switch
LT8331 AD-LT8331 Datasheet
2Mb / 34P
60V 2MHz Low-IQ Boost, SEPIC and Flyback Controller
LT8331 AD-LT8331 Datasheet
2Mb / 30P
Low IQ Boost/SEPIC/Inverting Converter with 1.5A, 150V Switch
09/21-REV.A
More results

Similar Description - LT8331

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3957 LINER-LT3957 Datasheet
365Kb / 28P
Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
LT3957 LINER-LT3957_15 Datasheet
369Kb / 28P
Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
LT3957A LINER-LT3957A_15 Datasheet
559Kb / 28P
Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
LT8361 LINER-LT8361 Datasheet
1Mb / 28P
Low IQ Boost/SEPIC/ Inverting Converter with 2A, 100V Switch
LT8330 LINER-LT8330 Datasheet
1Mb / 24P
Low IQ Boost/SEPIC/ Inverting Converter with 1A, 60V Switch
LT8335 LINER-LT8335 Datasheet
1Mb / 20P
Low IQ Boost/SEPIC/ Inverting Converter with 2A, 28V Switch
LT8362 LINER-LT8362 Datasheet
2Mb / 32P
Low IQ Boost/SEPIC/ Inverting Converter with 2A, 60V Switch
logo
Analog Devices
LT8331 AD-LT8331 Datasheet
1Mb / 30P
Low IQ Boost/SEPIC/Flyback/Inverting Converter with 0.5A, 140V Switch
03/20-REV.C
LT8334 AD-LT8334 Datasheet
1Mb / 24P
Low IQ Boost/SEPIC/Inverting Converter with 5A, 40V Switch
LT8365 AD-LT8365 Datasheet
2Mb / 30P
Low IQ Boost/SEPIC/Inverting Converter with 1.5A, 150V Switch
09/21-REV.A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com