Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8331 Datasheet(PDF) 12 Page - Linear Technology

Part # LT8331
Description  Low IQ Boost/SEPIC/ Flyback/Inverting Converter with 0.5A, 140V Switch
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8331 Datasheet(HTML) 12 Page - Linear Technology

Back Button LT8331 Datasheet HTML 8Page - Linear Technology LT8331 Datasheet HTML 9Page - Linear Technology LT8331 Datasheet HTML 10Page - Linear Technology LT8331 Datasheet HTML 11Page - Linear Technology LT8331 Datasheet HTML 12Page - Linear Technology LT8331 Datasheet HTML 13Page - Linear Technology LT8331 Datasheet HTML 14Page - Linear Technology LT8331 Datasheet HTML 15Page - Linear Technology LT8331 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
LT8331
12
8331fa
For more information www.linear.com/LT8331
APPLICATIONS INFORMATION
is close to GND (low VOUT levels). This frequency foldback
provides a larger switch-off time, allowing inductor cur-
rent to fall enough each cycle (see Normalized Switching
Frequency vs FBX Voltage in the Typical Performance
Characteristics section).
THERMAL LOCKOUT
If the LT8331 die temperature reaches 170°C (typical),
the part will stop switching and go into thermal lockout.
When the die temperature has dropped by 5°C (nominal),
the part will resume switching with a soft-started inductor
peak current.
COMPENSATION
The LT8331 is internally compensated. The decision to
use either low ESR (ceramic) capacitors or the higher ESR
(tantalum or OS-CON) capacitors, for the output capacitor,
can affect the stability of the overall system. The ESR of
any capacitor, along with the capacitance itself, contrib-
utes a zero to the system. For the tantalum and OS-CON
capacitors, this zero is located at a lower frequency due
to the higher value of the ESR, while the zero of a ceramic
capacitor is at a much higher frequency and can generally
be ignored.
Aphaseleadzerocanbeintentionallyintroducedbyplacing
a capacitor in parallel with the resistor between VOUT and
FBX.Bychoosingtheappropriatevaluesfortheresistorand
capacitor, the zero frequency can be designed to improve
the phase margin of the overall converter. The typical target
value for the zero frequency is between 5kHz to 20kHz.
A practical approach to compensation is to start with one
of the circuits in this data sheet that is similar to your ap-
plication. Optimize performance by adjusting the output
capacitor and/or the feed forward capacitor (connected
across the feedback resistor from output to FBX pin).
THERMAL CONSIDERATIONS
CareshouldbetakeninthelayoutofthePCBtoensuregood
heat sinking of the LT8331. The package has an exposed
pad (Pin 17) underneath the IC which is the best path for
heat out of the package. Pin 17 should be soldered to a
continuouscoppergroundplaneunderthedevicetoreduce
die temperature and increase the power capability of the
LT8331. The ground plane should be connected to large
copper layers to spread heat dissipated by the LT8331.
Power dissipation within the LT8331 (PDISS_LT8331) can
be estimated by subtracting the inductor and Schottky
diode power losses from the total power losses calculated
in an efficiency measurement. The junction temperature
of LT8331 can then be estimated by:
TJ(LT8331) = TA + θJA • PDISS_LT8331
APPLICATION CIRCUITS
TheLT8331canbeconfiguredfordifferenttopologies.The
first topology to be analyzed will be the boost converter,
followed by the flyback, SEPIC and inverting converters.
Boost Converter: Switch Duty Cycle
The LT8331 can be configured as a boost converter for
the applications where the converter output voltage is
higher than the input voltage. Remember that boost con-
verters are not short-circuit protected. Under a shorted
output condition, the inductor current is limited only by
the input supply capability. For applications requiring a
step-up converter that is short-circuit protected, please
refer to the Applications Information section covering
SEPIC converters.
The conversion ratio as a function of duty cycle is:
VOUT
VIN
=
1
1
− D
in continuous conduction mode (CCM).
For a boost converter operating in CCM, the duty cycle
of the main switch can be calculated based on the output
voltage (VOUT) and the input voltage (VIN). The maximum
duty cycle (DMAX) occurs when the converter has the
minimum input voltage:
DMAX =
VOUT − VIN(MIN)
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com