Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8331 Datasheet(PDF) 14 Page - Linear Technology

Part # LT8331
Description  Low IQ Boost/SEPIC/ Flyback/Inverting Converter with 0.5A, 140V Switch
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8331 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT8331 Datasheet HTML 10Page - Linear Technology LT8331 Datasheet HTML 11Page - Linear Technology LT8331 Datasheet HTML 12Page - Linear Technology LT8331 Datasheet HTML 13Page - Linear Technology LT8331 Datasheet HTML 14Page - Linear Technology LT8331 Datasheet HTML 15Page - Linear Technology LT8331 Datasheet HTML 16Page - Linear Technology LT8331 Datasheet HTML 17Page - Linear Technology LT8331 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
LT8331
14
8331fa
For more information www.linear.com/LT8331
inductance forms a high quality (under damped) tank cir-
cuit. If the LT8331 circuit is plugged into a live supply, the
input voltage can ring to twice its nominal value, possibly
exceeding the LT8331’s voltage rating. This situation is
easily avoided (see Application Note 88).
BOOST CONVERTER: OUTPUT CAPACITOR SELECTION
Low ESR (equivalent series resistance) capacitors should
be used at the output to minimize the output ripple voltage.
Multilayer ceramic capacitors are an excellent choice, as
they are small and have extremely low ESR. Use X5R or
X7R types. This choice will provide low output ripple and
good transient response. A 10µF to 47µF output capacitor
is sufficient for most applications, but systems with very
low output currents may need only a 1µF or 2.2µF output
capacitor. Solid tantalum or OS-CON capacitor can be
used, but they will occupy more board area than a ceramic
and will have a higher ESR. Always use a capacitor with a
sufficient voltage rating.
Contributions of ESR (equivalent series resistance), ESL
(equivalent series inductance) and the bulk capacitance
must be considered when choosing the correct output
capacitors for a given output ripple voltage. The effect of
thesethreeparameters(ESR,ESLandbulkC)ontheoutput
voltage ripple waveform for a typical boost converter is
illustrated in Figure 4.
between ∆VESR and ∆VCOUT. This percentage ripple will
change, depending on the requirements of the application,
and the following equations can easily be modified. For a
1% contribution to the total ripple voltage, the ESR of the
output capacitor can be determined using the following
equation:
ESRCOUT ≤
0.01 • VOUT
ID(PEAK)
For the bulk C component, which also contributes 1% to
the total ripple:
COUT ≥
IO(MAX)
0.01 • VOUT • fOSC
The output capacitor in a boost regulator experiences high
RMS ripple currents, as shown in Figure 4. The RMS ripple
current rating of the output capacitor can be determined
using the following equation:
IRMS(COUT) ≥ IO(MAX) •
DMAX
1
− DMAX
Multiple capacitors are often paralleled to meet ESR
requirements. Typically, once the ESR requirement is
satisfied, the capacitance is adequate for filtering and has
therequiredRMScurrentrating.Additionalceramiccapaci-
tors in parallel are commonly used to reduce the effect of
parasiticinductanceintheoutputcapacitor,whichreduces
high frequency switching noise on the converter output.
CERAMIC CAPACITORS
Ceramic capacitors are small, robust and have very low
ESR. However, ceramic capacitors can cause problems
whenusedwiththeLT8331duetotheirpiezoelectricnature.
When in Burst Mode operation, the LT8331’s switching
frequency depends on the load current, and at very light
loads the LT8331 can excite the ceramic capacitor at audio
frequencies, generating audible noise. Since the LT8331
operates at a lower current limit during Burst Mode op-
eration, the noise is typically very quiet to a casual ear.
If this is unacceptable, use a high performance tantalum
Figure 4. The Output Ripple Waveform of a Boost Converter
VOUT
(AC)
tON
∆VESR
RINGING DUE TO
TOTAL INDUCTANCE
(BOARD + CAP)
∆VCOUT
8331 F04
tOFF
The choice of component(s) begins with the maximum
acceptable ripple voltage (expressed as a percentage of
the output voltage), and how this ripple should be divided
between the ESR step ∆VESR and the charging/discharg-
ing ∆VCOUT. For the purpose of simplicity, we will choose
2% for the maximum output ripple, to be divided equally
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com