Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8331 Datasheet(PDF) 8 Page - Linear Technology

Part # LT8331
Description  Low IQ Boost/SEPIC/ Flyback/Inverting Converter with 0.5A, 140V Switch
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8331 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT8331 Datasheet HTML 4Page - Linear Technology LT8331 Datasheet HTML 5Page - Linear Technology LT8331 Datasheet HTML 6Page - Linear Technology LT8331 Datasheet HTML 7Page - Linear Technology LT8331 Datasheet HTML 8Page - Linear Technology LT8331 Datasheet HTML 9Page - Linear Technology LT8331 Datasheet HTML 10Page - Linear Technology LT8331 Datasheet HTML 11Page - Linear Technology LT8331 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
LT8331
8
8331fa
For more information www.linear.com/LT8331
OPERATION
The LT8331 uses a fixed frequency, current mode control
scheme to provide excellent line and load regulation.
Operation can be best understood by referring to the
BlockDiagram.Anoscillator(withfrequencyprogrammed
by a resistor at the RT pin) turns on the internal power
switch at the beginning of each clock cycle. Current in
the inductor then increases until the current comparator
trips and turns off the power switch. The peak inductor
current at which the switch turns off is controlled by
the voltage on the internal VC node. The error amplifier
servos the VC node by comparing the voltage on the
FBX pin with an internal reference voltage (1.60V or
–0.80V, depending on the chosen topology). When the
load current increases it causes a reduction in the FBX
pin voltage relative to the internal reference. This causes
the error amplifier to increase the VC voltage until the
new load current is satisfied. In this manner, the error
amplifier sets the correct peak switch current level to
keep the output in regulation.
The LT8331 is capable of generating either a positive or
negative output voltage with a single FBX pin. It can be
configuredasaboost,SEPICorflybackconvertertogener-
ate a positive output voltage, or as an inverting converter
to generate a negative output voltage. When configured
as a SEPIC converter, as shown in the Block Diagram, the
FBX pin is pulled up to the internal bias voltage of 1.60V
by a voltage divider (R1 and R2) connected from VOUT
to GND. Amplifier A2 becomes inactive and amplifier A1
performs (inverting) amplification from FBX to VC. When
the LT8331 is in an inverting configuration, the FBX pin
is pulled down to –0.80V by a voltage divider from VOUT
to GND. Amplifier A1 becomes inactive and amplifier A2
performs (non-inverting) amplification from FBX to VC.
If the EN/UVLO pin voltage is below 1.6V, the LT8331
enters undervoltage lockout (UVLO), and stops switching.
When the EN/UVLO pin voltage is above 1.74V (typical),
theLT8331resumesswitching.IftheEN/UVLOpinvoltage
is below 0.2V, the LT8331 draws less than 1µA from VIN.
For the SYNC/MODE pin tied to ground, the LT8331 pro-
vides low output ripple Burst Mode operation with ultra
low quiescent current at light loads. For the SYNC/MODE
pin tied to INTVCC, the LT8331 uses pulse-skipping mode,
at the expense of hundreds of microamps, to maintain
output voltage regulation at light loads by skipping switch
pulses. For the SYNC/MODE pin driven by an external
clock, the converter switching frequency is synchronized
to that clock and pulse-skipping mode is also enabled.
TheLT8331includesaBIASpintoimproveefficiencyacross
all loads. The INTVCC supply current can be drawn from
the BIAS pin instead of the VIN pin for 4.4V ≤ BIAS ≤ VIN.
Protection features ensure the immediate disable of
switching and reset of the SS pin for any of the following
faults: internal reference UVLO, INTVCC UVLO, switch cur-
rent > 1.9× maximum limit, EN/UVLO < 1.6V or junction
temperature > 170°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com