Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8331 Datasheet(PDF) 2 Page - Linear Technology

Part # LT8331
Description  Low IQ Boost/SEPIC/ Flyback/Inverting Converter with 0.5A, 140V Switch
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8331 Datasheet(HTML) 2 Page - Linear Technology

  LT8331 Datasheet HTML 1Page - Linear Technology LT8331 Datasheet HTML 2Page - Linear Technology LT8331 Datasheet HTML 3Page - Linear Technology LT8331 Datasheet HTML 4Page - Linear Technology LT8331 Datasheet HTML 5Page - Linear Technology LT8331 Datasheet HTML 6Page - Linear Technology LT8331 Datasheet HTML 7Page - Linear Technology LT8331 Datasheet HTML 8Page - Linear Technology LT8331 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
LT8331
2
8331fa
For more information www.linear.com/LT8331
SW..........................................................................140V
VIN, EN/UVLO..........................................................100V
BIAS..........................................................................60V
EN/UVLO Pin Above VIN Pin, SYNC.............................6V
INTVCC (Note 2) ..........................................................4V
FBX ...........................................................................±4V
Operating Junction Temperature (Note 3)
LT8331E, LT8331I.............................. –40°C to 125°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)...................300°C
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT8331EMSE#PBF
LT8331EMSE#TRPBF
8331
16-Lead Plastic MSOP with 4 Pins Removed –40°C to 125°C
LT8331IMSE#PBF
LT8331IMSE#TRPBF
8331
16-Lead Plastic MSOP with 4 Pins Removed –40°C to 125°C
Consult LTC® Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/. Some packages are available in 500 unit reels through
designated sales channels with #TRMPBF suffix.
1
3
5
6
7
8
EN/UVLO
VIN
INTVCC
NC
BIAS
NC
16
14
12
11
10
9
SW1
SW2
SYNC/MODE
SS
RT
FBX
TOP VIEW
17
PGND,
GND
MSE PACKAGE
VARIATION: MSE16 (12)
16-LEAD PLASTIC MSOP
θJA = 45°C/W, θJC = 10°C/W
EXPOSED PAD (PIN 17) IS PGND AND GND, MUST BE SOLDERED TO PCB
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
(Note 1)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN Operating Voltage Range
l
4.5
100
V
VIN Quiescent Current at Shutdown
VEN/UVLO = 0.2V
l
1
2
2
5
μA
μA
VEN/UVLO = 1.5V
l
2.0
3.6
5
9.5
μA
μA
VIN Quiescent Current
RT = 100k
Sleep Mode (Not Switching)
SYNC = 0V
l
5.5
8.5
15
25
μA
μA
Active Mode (Not Switching)
SYNC = 0V, BIAS = 0V
l
780
840
1420
1720
µA
µA
SYNC = 0V, BIAS = 5V
l
17
24
40
55
µA
µA
SYNC = INTVCC, BIAS = 0V
l
700
800
1080
1170
µA
µA
SYNC = INTVCC, BIAS = 5V
l
17
24
40
55
µA
µA
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 12V, EN/UVLO = 12V unless otherwise noted.
http://www.linear.com/product/LT8331#orderinfo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com