Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8331 Datasheet(PDF) 18 Page - Linear Technology

Part # LT8331
Description  Low IQ Boost/SEPIC/ Flyback/Inverting Converter with 0.5A, 140V Switch
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8331 Datasheet(HTML) 18 Page - Linear Technology

Back Button LT8331 Datasheet HTML 14Page - Linear Technology LT8331 Datasheet HTML 15Page - Linear Technology LT8331 Datasheet HTML 16Page - Linear Technology LT8331 Datasheet HTML 17Page - Linear Technology LT8331 Datasheet HTML 18Page - Linear Technology LT8331 Datasheet HTML 19Page - Linear Technology LT8331 Datasheet HTML 20Page - Linear Technology LT8331 Datasheet HTML 21Page - Linear Technology LT8331 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
LT8331
18
8331fa
For more information www.linear.com/LT8331
LLKistheleakageinductanceoftheprimarywinding,which
is usually specified in the transformer characteristics. LLK
canbeobtainedbymeasuringtheprimaryinductancewith
the secondary windings shorted. The snubber capacitor
value(CSN)canbedeterminedusingthefollowingequation:
CSN =
VSN
∆VSN • RSN • fOSC
where ∆VSN is the voltage ripple across CSN. A reasonable
∆VSN is 5% to 10% of VSN. The reverse voltage rating of
DSN should be higher than the sum of VSN and VIN(MAX).
Flyback Converter: Output Diode Selection
The output diode in a flyback converter is subject to large
RMS current and peak reverse voltage stresses. A fast
switching diode with a low forward drop and a low reverse
leakage is desired. Schottky diodes are recommended if
the output voltage is below 100V.
Approximate the required peak repetitive reverse voltage
rating VRRM using:
VRRM >
NS
NP
• VIN(MAX) + VOUT
The power dissipated by the diode is:
PD = IO(MAX) • VD
and the diode junction temperature is:
TJ = TA + PD • RθJA
The RθJA to be used in this equation normally includes the
RθJC for the device, plus the thermal resistance from the
boardtotheambienttemperatureintheenclosure.TJmust
notexceedthediodemaximumjunctiontemperaturerating.
Flyback Converter: Output Capacitor Selection
The output capacitor of the flyback converter has a similar
operation condition as that of the boost converter. Refer to
the Boost Converter: Output Capacitor Selection section
for the calculation of COUT and ESRCOUT.
The RMS ripple current rating of the output capacitors
in continuous operation can be determined using the
following equation:
IRMS(COUT),CONTINUOUS ≈ IO(MAX) •
DMAX
1
− DMAX
Flyback Converter: Input Capacitor Selection
Theinputcapacitorinaflybackconverterissubjecttoalarge
RMS current due to the discontinuous primary current.
To prevent large voltage transients, use a low ESR input
capacitor sized for the maximum RMS current. The RMS
ripple current rating of the input capacitors in continuous
operation can be determined using the following equation:
IRMS(CIN),CONTINUOUS ≈
POUT(MAX)
VIN(MIN) • η
•
1
−DMAX
DMAX
SEPIC CONVERTER APPLICATIONS
The LT8331 can be configured as a SEPIC (single-ended
primary inductance converter), as shown in Figure 8. This
topology allows for the input to be higher, equal, or lower
than the desired output voltage. The conversion ratio as
a function of duty cycle is:
VOUT + VD
VIN
=
D
1
− D
in continuous conduction mode (CCM).
APPLICATIONS INFORMATION
Figure 8. LT8331 Configured in a SEPIC Topology
L1
L2
VOUT
VIN
SW
FBX
GND
EN/UVLO
LT8331
VIN
VCC
INT
D1
CIN
COUT
CDC
8331 F08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com