Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8331 Datasheet(PDF) 26 Page - Linear Technology

Part # LT8331
Description  Low IQ Boost/SEPIC/ Flyback/Inverting Converter with 0.5A, 140V Switch
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8331 Datasheet(HTML) 26 Page - Linear Technology

Back Button LT8331 Datasheet HTML 22Page - Linear Technology LT8331 Datasheet HTML 23Page - Linear Technology LT8331 Datasheet HTML 24Page - Linear Technology LT8331 Datasheet HTML 25Page - Linear Technology LT8331 Datasheet HTML 26Page - Linear Technology LT8331 Datasheet HTML 27Page - Linear Technology LT8331 Datasheet HTML 28Page - Linear Technology LT8331 Datasheet HTML 29Page - Linear Technology LT8331 Datasheet HTML 30Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
LT8331
26
8331fa
For more information www.linear.com/LT8331
TYPICAL APPLICATIONS
36V to 72V Input, –24V Inverting Converter
8331 TA09
D1: ROHM RB558VA150TR
L1, L2: COILTRONICS DRQ127-101
C1: MURATA GRM32DC72A475K11L
C3: MURATA GRM31CR61H106KA12L
C5: MURATA GRM32DC72A475K11L
R2
34.8k
C5
4.7µF
R3
1M
R4
59k
C4
0.1µF
R5
63.4k
C2
1µF
VOUT = –24V
IN
SW1-2
EN/UVLO
LT8331
VIN
36V TO
72V
L1
100H
R1
1M
L2
100H
175mA AT VIN = 36V
190mA AT VIN = 48V
200mA AT VIN = 72V
SYNC/MODE
GND
FBX
BIAS
SS
450kHz
C3
10µF
C1
4.7µF
V
RT
INTVCC
D1
4.5V to 80V Input, –12V Inverting Converter
8331 TA10
D1: DIODES INC. DFLS1100
L1, L2: COILTRONICS DRQ74-330
C1: MURATA GRM32ER72A105KA01L
C3: MURATA GRM32ER61A226KE20L
C5: MURATA GRM31CR72A105KA01L
R2
71.5k
C5
1µF
R3
1M
R4
787k
C4
22nF
R5
100k
C2
1µF
VOUT = –12V
IN
SW1-2
EN/UVLO
LT8331
VIN
4.5V TO
80V
L1
33H
R1
1M
L2
33H
70mA AT VIN = 4.5V
80mA AT VIN = 12V
80mA AT VIN = 48V
80mA AT VIN = 80V
SYNC/MODE
GND
FBX
BIAS
SS
300kHz
C3
22µF
C1
1µF
×2
V
RT
INTVCC
D1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com