Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL8225MEVAL4Z Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # ISL8225MEVAL4Z
Description  Dual 15A/Single 30A Step-Down Power Module
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8225MEVAL4Z Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button ISL8225MEVAL4Z Datasheet HTML 25Page - Renesas Technology Corp ISL8225MEVAL4Z Datasheet HTML 26Page - Renesas Technology Corp ISL8225MEVAL4Z Datasheet HTML 27Page - Renesas Technology Corp ISL8225MEVAL4Z Datasheet HTML 28Page - Renesas Technology Corp ISL8225MEVAL4Z Datasheet HTML 29Page - Renesas Technology Corp ISL8225MEVAL4Z Datasheet HTML 30Page - Renesas Technology Corp ISL8225MEVAL4Z Datasheet HTML 31Page - Renesas Technology Corp ISL8225MEVAL4Z Datasheet HTML 32Page - Renesas Technology Corp ISL8225MEVAL4Z Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
ISL8225M
FN7822 Rev 2.00
Page 29 of 34
December 8, 2014
FIGURE 35. POWER LOSS CURVES OF 5VIN
FIGURE 36. POWER LOSS CURVES OF 12VIN
Derating Curves All of the following curves were plotted at T
J = +125°C.
FIGURE 37. DERATING CURVE 5V TO 1V
FIGURE 38. DERATING CURVE 12V TO 1V
FIGURE 39. DERATING CURVE 5V TO 1.5V
FIGURE 40. DERATING CURVE 12V TO 1.5V
0
1
2
3
4
5
6
7
0
5
10
15
20
25
30
LOAD CURRENT (A)
5VIN TO 2.5VOUT
5VIN TO 1.5VOUT
5VIN TO 1VOUT
0
1
2
3
4
5
6
7
8
LOAD CURRENT (A)
12VIN TO 2.5VOUT
12VIN TO 1.5VOUT
12VIN TO 1VOUT
0
5
10
15
20
25
30
0
5
10
15
20
25
30
25
45
65
85
105
125
TEMPERATURE (°C)
0LFM
200LFM
400LFM
0
5
10
15
20
25
30
25
45
65
85
105
125
TEMPERATURE (°C)
0LFM
400LFM
200LFM
0
5
10
15
20
25
30
25
45
65
85
105
125
TEMPERATURE (°C)
400LFM
200LFM
0LFM
0
5
10
15
20
25
30
25
45
65
85
105
125
TEMPERATURE (°C)
400LFM
200LFM
0LFM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com