Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL8225MEVAL4Z Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # ISL8225MEVAL4Z
Description  Dual 15A/Single 30A Step-Down Power Module
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8225MEVAL4Z Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button ISL8225MEVAL4Z Datasheet HTML 23Page - Renesas Technology Corp ISL8225MEVAL4Z Datasheet HTML 24Page - Renesas Technology Corp ISL8225MEVAL4Z Datasheet HTML 25Page - Renesas Technology Corp ISL8225MEVAL4Z Datasheet HTML 26Page - Renesas Technology Corp ISL8225MEVAL4Z Datasheet HTML 27Page - Renesas Technology Corp ISL8225MEVAL4Z Datasheet HTML 28Page - Renesas Technology Corp ISL8225MEVAL4Z Datasheet HTML 29Page - Renesas Technology Corp ISL8225MEVAL4Z Datasheet HTML 30Page - Renesas Technology Corp ISL8225MEVAL4Z Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
ISL8225M
FN7822 Rev 2.00
Page 27 of 34
December 8, 2014
Two Phase Parallel Mode Operation
When ISL8225M operates in 2-phase mode, the current sensing
and sharing circuit keeps each channel's current in balance.
After a typical 175nS blanking period, with respect to the falling
edge of the PWM pulse of each channel, the voltage developed
across rDS(ON) of the low side MOSFETs is filtered and sampled
as the sensed current. If the other phase's high-side MOSFET is
turned on right at the moment when current is sensed, the
switching noise can distort the sensed current signal, which may
result in low frequency output ripple. For high output voltage of
>5V, the low frequency ripple is worse due to higher switching
noise at higher input voltage. Because of the 175ns current
sensing blanking time, if the second channel has 180° phase lag
with respect to the first channel, the low frequency ripple
typically appears when the module operates at around 40% duty
cycle depending upon switching frequency. To solve this problem,
240° phase shift (Mode 6 of Table 3) can be used instead of the
180° phase shift (Mode 5A of Table 3). Figure 23 shows a typical
application with 240° phase shift.
All other conditions equal, the module with 180° phase shift has
lower input ripple and output ripple than the module with 240°
phase shift, thus the selection of the optimum operation mode
should be based on the input voltage. Table 7 shows the
operation mode selection to avoid low frequency for 6.5V and
7.5V output applications with 750kHz switching frequency.
Please refer to Table 3 on page 21 for more information about
each operation mode.
Layout Guide
To achieve stable operation, low losses, and good thermal
performance, some layout considerations are necessary
(Figure 34).
• VOUT1, VOUT2, PHASE1, PHASE2, PGND, VIN1 and VIN2
should have large, solid planes. Place enough thermal vias to
connect the power planes in different layers under or around
the module.
• Place high-frequency ceramic capacitors between VIN, VOUT,
and PGND, as closely to the module as possible in order to
minimize high-frequency noise.
• Use remote sensed traces to the regulation point to achieve
tight output voltage regulation, and keep the sensing traces
close to each other in parallel.
• PHASE1 and PHASE2 pads are switching nodes that generate
switching noise. Keep these pads under the module. For
noise-sensitive applications, it is recommended to keep phase
pads only on the top and inner layers of the PCB. Also, do not
place phase pads exposed to the outside on the bottom layer
of the PCB.
• Avoid routing any noise-sensitive signal traces, such as the
VSEN+, VSEN-, ISHARE, COMP and VMON sensing points, near
the PHASE pins.
• Use a separated SGND ground copper area for components
connected to signal ground pins. Connect SGND to PGND with
multiple vias underneath the unit in one location to avoid the
noise coupling, as shown in Figure 34 Don't ground vias
surrounded by the noisy planes of VIN, PHASE and VOUT. For
dual output applications, the SGND to PGND vias are preferred
to be as close as possible to SGND pin.
• Optional snubbers can be put on the bottom side of the board
layout, connecting the PHASE to PGND planes, as shown in
Figure 34.
TABLE 7. OPERATION MODE SETTING FOR 6.5V AND 7.5V OUTPUT APPLICATION
VIN
(V)
VO
(V)
OPERATION
MODE
PHASE SHIFT
BETWEEN
PHASES
VSEN2-
VSEN2+
CLKOUT
VMON2
MODE
11 to 13.9
6.5
5A
180°
VCC
N/C
N/C
VMON1 OR
DIVIDER
SGND
13.9 to
15.6
6.5
6
240°
VCC
SGND
N/C
953Ω//22nF
VCC
15.6 to 20
6.5
5A
180°
VCC
N/C
N/C
VMON1 OR
DIVIDER
SGND
11 to 15
7.5
5A
180°
VCC
N/C
N/C
VMON1 OR
DIVIDER
SGND
15 to 20
7.5
6
240°
VCC
SGND
N/C
953Ω//22nF
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com