Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL8225MEVAL4Z Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # ISL8225MEVAL4Z
Description  Dual 15A/Single 30A Step-Down Power Module
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8225MEVAL4Z Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button ISL8225MEVAL4Z Datasheet HTML 20Page - Renesas Technology Corp ISL8225MEVAL4Z Datasheet HTML 21Page - Renesas Technology Corp ISL8225MEVAL4Z Datasheet HTML 22Page - Renesas Technology Corp ISL8225MEVAL4Z Datasheet HTML 23Page - Renesas Technology Corp ISL8225MEVAL4Z Datasheet HTML 24Page - Renesas Technology Corp ISL8225MEVAL4Z Datasheet HTML 25Page - Renesas Technology Corp ISL8225MEVAL4Z Datasheet HTML 26Page - Renesas Technology Corp ISL8225MEVAL4Z Datasheet HTML 27Page - Renesas Technology Corp ISL8225MEVAL4Z Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
ISL8225M
FN7822 Rev 2.00
Page 24 of 34
December 8, 2014
Soft-Start
The ISL8225M has an internal, digital, precharged soft-start
circuitry (Figures 29 to 31). The circuitry has a rise time inversely
proportional to the switching frequency. Rise time is determined
by a digital counter that increments with every pulse of the phase
clock. The full soft-start time from 0V to 0.6V can be estimated
as shown in Equation 6. The typical soft-start time is ~2.5ms.
The ISL8225M is able to work under a precharged output. The
PWM outputs do not feed to the drivers until the first PWM pulse
is seen. The low-side MOSFET is on for the first clock cycle, to
provide charge for the bootstrap capacitor. If the precharged
output voltage is greater than the final target level but less than
the 113% set point, switching does not start until the output
voltage is reduced to the target voltage and the first PWM pulse
is generated. The maximum allowable precharged level is 113%.
If the precharged level is above 113% but below 120%, the
output hiccups between 113% (LGATE turns on) and 87% (LGATE
turns off), while EN is pulled low. If the precharged load voltage is
above 120% of the targeted output voltage, then the controller is
latched off and cannot power up.
Power-Good
Power-good comparators monitor voltage on the VMON pin. Trip
points are shown in Figure 32. PGOOD is not asserted until the
soft-start cycle is complete. PGOOD pulls low upon both ENs
disabling it or when the VMON voltage is out of the threshold
window. PGOOD does not pull low until the fault presents for
three consecutive clock cycles.
UV indication is not enabled until the end of soft-start. In a UV
event, if the output drops below -13% of the target level due to a
reason other than OV, OC, OT, or PLL faults (cases when EN is not
pulled low), PGOOD is pulled low.
FIGURE 28. SIMPLIFIED ENABLE AND VOLTAGE FEED-FORWARD CIRCUIT
0.8V
IEN_HYS = 30µA
RUP
RDOWN
SOFT-START
RDOWN
RUP V
²
EN_REF
VEN_FTH VEN_REF
–
---------------------------------------------------------------
=
VEN_FTH VEN_RTH VEN_HYS
–
=
VIN
EN
OV, OT, OC, AND PLL LOCKING FAULTS
RUP
VEN_HYS
IEN_HYS
-----------------------------
=
ON/OFF
384
CYCLES
CLOCK
tSS
1280
fSW
-------------
=
(EQ. 6)
VOUT TARGET VOLTAGE
0.0V
tSS
1280
fSW
-------------
=
FIRST PWM PULSE
-100mV
tSS_DLY
384
fSW
------------
=
FIGURE 29. SOFT-START WITH VOUT = 0V
SS SETTLING AT VREF + 100mV
INIT. VOUT
VOUT TARGET VOLTAGE
FIRST PWM PULSE
-100mV
SS SETTLING AT VREF + 100mV
FIGURE 30. SOFT-START WITH VOUT < TARGET VOLTAGE
OV = 113%
VOUT TARGET VOLTAGE
FIRST PWM PULSE
FIGURE 31. SOFT-START WITH VOUT BELOW 113% BUT ABOVE FINAL
TARGET VOLTAGE
FIGURE 32. POWER-GOOD THRESHOLD WINDOW
-13%
-9%
VREF
+9%
+13%
VMON1, 2
CHANNEL 2 UV/OV
END OF SS1
AND
PGOOD
CHANNEL 1 UV/OV
END OF SS2
+20%
PGOOD
PGOOD LATCH OFF
SS1_PERIOD
AND
SS2_PERIOD
AFTER 120% OV
OR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com