Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL8225MEVAL4Z Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # ISL8225MEVAL4Z
Description  Dual 15A/Single 30A Step-Down Power Module
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8225MEVAL4Z Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button ISL8225MEVAL4Z Datasheet HTML 15Page - Renesas Technology Corp ISL8225MEVAL4Z Datasheet HTML 16Page - Renesas Technology Corp ISL8225MEVAL4Z Datasheet HTML 17Page - Renesas Technology Corp ISL8225MEVAL4Z Datasheet HTML 18Page - Renesas Technology Corp ISL8225MEVAL4Z Datasheet HTML 19Page - Renesas Technology Corp ISL8225MEVAL4Z Datasheet HTML 20Page - Renesas Technology Corp ISL8225MEVAL4Z Datasheet HTML 21Page - Renesas Technology Corp ISL8225MEVAL4Z Datasheet HTML 22Page - Renesas Technology Corp ISL8225MEVAL4Z Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
ISL8225M
FN7822 Rev 2.00
Page 19 of 34
December 8, 2014
TABLE 1. ISL8225M DESIGN GUIDE MATRIX (REFER TO Figure 18)
CASE
VIN
(V)
VOUT
(V)
R2 or R4
(Ω)
CIN1
(BULK)
µF
(Note 10)
CIN2
(CERAMIC)
(µF)
COUT1
(CERAMIC)
(µF)
COUT2
(BULK)
(µF)
CFF
(nF)
EN/FF (kΩ)
R5/R6
(Note 11)
FREQ.
(kHz)
RSYNC
(kΩ)
LOAD
(A)
(Note 12)
1
5
1
1.5k
1x330
1x100
1x100
1x330
None
6.04/3.01
500
None
15
2
5
1
1.5k
1x330
1x100
3x100
None
3.3
6.04/3.01
500
None
15
3
12
1
1.5k
1x330
2x22
1x100
1x330
None
6.04/1.50
500
None
15
4
12
1
1.5k
1x330
2x22
3x100
None
3.3
6.04/1.50
500
None
15
5
5
1.2
1.0k
1x330
1x100
1x100
1x330
None
6.04/3.01
500
None
15
6
5
1.2
1.0k
1x330
1x100
3x100
None
3.3
6.04/3.01
500
None
15
7
12
1.2
1.0k
1x330
2x22
1x100
1x330
None
6.04/1.50
500
None
15
8
12
1.2
1.0k
1x330
2x22
3x100
None
3.3
6.04/1.50
500
None
15
9
20
1.2
1.0k
1x330
2x22
1x100
1x330
3.3
6.04/1.50
500
None
15
10
20
1.2
1.0k
1x330
2x22
3x100
None
4.7
6.04/1.50
500
None
15
11
5
1.5
665
1x330
1x100
1x100
1x330
None
6.04/3.01
500
None
15
12
5
1.5
665
1x330
1x100
3x100
None
3.3
6.04/3.01
500
None
15
13
12
1.5
665
1x330
2x22
1x100
1x330
None
6.04/1.50
500
None
15
14
12
1.5
665
1x330
2x22
3x100
None
3.3
6.04/1.50
500
None
15
15
20
1.5
665
1x330
2x22
1x100
1x330
None
6.04/1.50
500
None
15
16
20
1.5
665
1x330
2x22
3x100
None
3.3
6.04/1.50
500
None
15
17
5
2.5
316
1x330
1x100
1x100
1x330
None
6.04/3.01
500
None
15
18
5
2.5
316
1x330
1x100
3x100
None
3.3
6.04/3.01
500
None
15
19
12
2.5
316
1x330
2x22
1x100
1x330
None
6.04/1.50
650
249
15
20
12
2.5
316
1x330
2x22
3x100
None
3.3
6.04/1.50
650
249
15
21
20
2.5
316
1x330
2x22
1x100
1x330
None
6.04/1.50
750
147
14
22
20
2.5
316
1x330
2x22
3x100
None
3.3
6.04/1.50
750
147
14
23
5
3.3
221
1x330
1x100
1x100
1x330
None
6.04/3.01
500
None
15
24
5
3.3
221
1x330
1x100
3x100
None
None
6.04/3.01
500
None
15
25
12
3.3
221
1x330
2x22
1x100
1x330
None
6.04/1.50
800
124
14
26
12
3.3
221
1x330
2x22
3x100
None
None
6.04/1.50
800
124
14
27
20
3.3
221
1x330
2x22
1x100
1x330
None
6.04/1.50
850
107
13
28
20
3.3
221
1x330
2x22
3x100
None
3.3
6.04/1.50
850
107
13
29
12
5
137
1x330
2x22
1x100
1x330
None
6.04/1.50
950
82.5
12
30
12
5
137
1x330
2x22
3x100
None
None
6.04/1.50
950
82.5
12
31
20
5
137
1x330
2x22
1x100
1x330
None
6.04/1.50
950
82.5
10
32
20
5
137
1x330
2x22
3x100
None
3.3
6.04/1.50
950
82.5
10
33
12
6.5
102
1x330
4x22
2x47
1x330
None
16.5/4.12
750
147
10
34
12
6.5
102
1x330
4x22
6x47
None
3.3
16.5/4.12
750
147
10
35
20
6.5
102
1x330
4x22
2x47
1x330
None
16.5/4.12
750
147
10
36
20
6.5
102
1x330
4x22
6x47
None
3.3
16.5/4.12
750
147
10
37
12
7.5
86.6
1x330
4x22
2x47
1x330
None
16.5/4.12
750
147
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com