Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL8225MEVAL4Z Datasheet(PDF) 34 Page - Renesas Technology Corp

Part # ISL8225MEVAL4Z
Description  Dual 15A/Single 30A Step-Down Power Module
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8225MEVAL4Z Datasheet(HTML) 34 Page - Renesas Technology Corp

Back Button ISL8225MEVAL4Z Datasheet HTML 26Page - Renesas Technology Corp ISL8225MEVAL4Z Datasheet HTML 27Page - Renesas Technology Corp ISL8225MEVAL4Z Datasheet HTML 28Page - Renesas Technology Corp ISL8225MEVAL4Z Datasheet HTML 29Page - Renesas Technology Corp ISL8225MEVAL4Z Datasheet HTML 30Page - Renesas Technology Corp ISL8225MEVAL4Z Datasheet HTML 31Page - Renesas Technology Corp ISL8225MEVAL4Z Datasheet HTML 32Page - Renesas Technology Corp ISL8225MEVAL4Z Datasheet HTML 33Page - Renesas Technology Corp ISL8225MEVAL4Z Datasheet HTML 34Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 34 / 34 page
background image
ISL8225M
FN7822 Rev 2.00
Page 34 of 34
December 8, 2014
SOLDER STENCIL PATTERN WITH SQUARE PADS 1 OF 2 (TOP VIEW)
SOLDER STENCIL PATTERN WITH SQUARE PADS 2 OF 2 (TOP VIEW)
TYPICAL RECOMMENDED LAND PATTERN (TOP VIEW)
0
0
0.25
0.25
0.95
1.25
1.75
2.25
2.75
3.25
3.75
4.25
4.75
5.25
5.75
6.25
0.95
1.25
1.75
2.25
2.75
3.25
3.75
4.25
4.75
5.25
5.75
6.25
7.25
7.25
7.93
5.25
4.75
4.25
3.75
3.25
2.75
2.25
1.75
1.25
0.85
0.15
0.15
0.85
1.25
1.75
2.25
2.75
3.25
3.75
4.25
4.75
5.25
7.93
9.20
0
0.00
4.05
2.70
2.40
1.05
1.05
2.40
2.70
4.05
7.38
6.83
6.43
5.43
5.03
3.36
2.76
0.95
0.70
0.70
0.95
3.36
5.03
5.43
6.43
6.83
7.38
6.60
7.38
6.60
7.38
0
0.35
0.75
4.35
4.65
5.35
5.65
6.35
7.15
0.35
0.75
4.35
4.65
5.35
5.65
6.35
7.15
9.30
9.30
6.53
9.30
7.83
5.73
5.33
0.75
0.65
0.40
0.25
0.25
0.40
0.65
0.75
5.73
5.33
6.13
6.53
7.83
6.50
6.50
6.13
9.30
1
10
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com