Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL8225MEVAL4Z Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ISL8225MEVAL4Z
Description  Dual 15A/Single 30A Step-Down Power Module
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8225MEVAL4Z Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ISL8225MEVAL4Z Datasheet HTML 4Page - Renesas Technology Corp ISL8225MEVAL4Z Datasheet HTML 5Page - Renesas Technology Corp ISL8225MEVAL4Z Datasheet HTML 6Page - Renesas Technology Corp ISL8225MEVAL4Z Datasheet HTML 7Page - Renesas Technology Corp ISL8225MEVAL4Z Datasheet HTML 8Page - Renesas Technology Corp ISL8225MEVAL4Z Datasheet HTML 9Page - Renesas Technology Corp ISL8225MEVAL4Z Datasheet HTML 10Page - Renesas Technology Corp ISL8225MEVAL4Z Datasheet HTML 11Page - Renesas Technology Corp ISL8225MEVAL4Z Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
ISL8225M
FN7822 Rev 2.00
Page 8 of 34
December 8, 2014
OSCILLATOR
Oscillator Frequency
fOSC
SYNC pin is open
510
kHz
Total Variation (Note 9)VCC = 5V; -40°C < TA < +85°C
-9
+9
%
FREQUENCY SYNCHRONIZATION AND PHASE LOCK LOOP (Note 9)
Synchronization Frequency
VCC = 5V
300
1500
kHz
PLL Locking Time
VCC = 5.4V, fSW = 500kHz
130
µs
Input Signal Duty Cycle Range
10
90
%
PWM (Note 9)
Minimum PWM OFF Time
tMIN_OFF
310
345
410
ns
Current Sampling Blanking Time
tBLANKING
175
ns
OUTPUT CHARACTERISTICS
Output Continuous Current Range
IOUT(DC)
VIN = 12V, VOUT1 = 1.5V
015
A
VIN = 12V, VOUT2 = 1.5V
015
A
VIN = 12V, VOUT = 1.5V, in Parallel mode
030
A
Line Regulation Accuracy
VOUT/VIN VIN = 4.5V to 20V
VOUT1 = 1.5V, IOUT1 = 0A
0.0065
%
VOUT2 = 1.5V, IOUT2 = 0A
0.0065
%
VIN = 4.5V to 20V
VOUT1 = 1.5V, IOUT1 = 15A
0.01
%
VOUT2 = 1.5V, IOUT2 = 15A
0.01
%
Load Regulation Accuracy
VOUT/VOUT VIN = 12V, 5x22µF, 2x4.7µF ceramic capacitor and
1x330µF POSCAP
IOUT1 = 0A to 15A, VOUT1 = 1.5V
0.3
1
%
IOUT2 = 0A to 15A, VOUT2 = 1.5V
0.3
1
%
Output Ripple Voltage
VOUT
VIN = 12V, 3x100µF ceramic capacitor and
1x330µF POSCAP
IOUT1 = 0A, VOUT1 = 1.5V
11
mVP-P
IOUT2 = 0A, VOUT2 = 1.5V
11
mVP-P
IOUT1 = 15A, VOUT1 = 1.5V
14
mVP-P
IOUT2 = 15A, VOUT2 = 1.5V
14
mVP-P
DYNAMIC CHARACTERISTICS
Voltage Change for Positive Load Step
VOUT-DP Current slew rate = 2.5A/µs
VIN = 12V, VOUT = 1.5V, 2x47µF ceramic capacitor
and 1x330µF POSCAP
IOUT1 = 0A to 7.5A
75
mVP-P
IOUT2 = 0A to 7.5A
75
mVP-P
Voltage Change for Negative Load Step
VOUT-DN Current slew rate = 2.5A/µs
VIN = 12V, VOUT = 1.5V, 2x47µF ceramic capacitor
and 1x330µF POSCAP
IOUT1 = 7.5A to 0A
70
mVP-P
IOUT2 = 7.5A to 0A
70
mVP-P
REFERENCE (Note 9)
Reference Voltage (Include Error and
Differential Amplifier Offsets)
VREF1
TA = -40°C to +85°C
0.5958
0.6
0.6042
V
-0.7
0.7
%
Reference Voltage (Include Error and
Differential Amplifier Offsets)
VREF2
TA = -40°C to +85°C
0.5955
0.6
0.6057
V
-0.75
0.95
%
Electrical Specifications TA = +25°C, VIN = 12V, unless otherwise noted. Boldface limits apply across the internal junction
temperature range, -40°C to +125°C (Note 4). (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 7)
TYP
(Note 8)
MAX
(Note 7)UNITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com