Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL8225MEVAL4Z Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # ISL8225MEVAL4Z
Description  Dual 15A/Single 30A Step-Down Power Module
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8225MEVAL4Z Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button ISL8225MEVAL4Z Datasheet HTML 22Page - Renesas Technology Corp ISL8225MEVAL4Z Datasheet HTML 23Page - Renesas Technology Corp ISL8225MEVAL4Z Datasheet HTML 24Page - Renesas Technology Corp ISL8225MEVAL4Z Datasheet HTML 25Page - Renesas Technology Corp ISL8225MEVAL4Z Datasheet HTML 26Page - Renesas Technology Corp ISL8225MEVAL4Z Datasheet HTML 27Page - Renesas Technology Corp ISL8225MEVAL4Z Datasheet HTML 28Page - Renesas Technology Corp ISL8225MEVAL4Z Datasheet HTML 29Page - Renesas Technology Corp ISL8225MEVAL4Z Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
ISL8225M
FN7822 Rev 2.00
Page 26 of 34
December 8, 2014
Connecting the SYNC pin to an external square-pulse waveform
(such as the CLKOUT signal, typically 50% duty cycle from
another ISL8225M) synchronizes the ISL8225M switching
frequency to the fundamental frequency of the input waveform.
The synchronized frequency can be from 300kHz to 1500kHz.
The applied square-pulse recommended high level voltage range
is 3V to VCC+0.3V. The frequency synchronization feature
synchronizes the leading edge of the CLKOUT signal with the
falling edge of Channel 1’s PWM signal. CLKOUT is not available
until PLL locks. No capacitor is recommended on the SYNC pin.
Locking time is typically 130µs. EN is not released for a soft-start
cycle until SYNC is stabilized and PLL is locking. Connecting all
EN pins together in a multi-phase configuration is recommended.
Loss of a synchronization signal for 13 clock cycles causes the
module to be disabled until PLL returns locking, at which point, a
soft-start cycle is initiated and normal operation resumes.
Holding SYNC low disables the module.
NOTE: That the quick change of the synchronization signal can cause
module shutdown.
Tracking Function
If CLKOUT is less than 800mV, an external soft-start ramp (0.6V)
can be in parallel with the Channel 2 internal soft-start ramp for
tracking applications. Therefore, the Channel 2’s output voltage
can track the output voltage of Channel 1.
The tracking function can be applied to a typical Double Data
Rate
(DDR) memory application, as shown in Figure 20 on
page 14. The output voltage (typical VTT output) of Channel 2
tracks with the input voltage [typical VDDQ/(1+k) from
Channel 1] at the CLKOUT pin. As for the external input signal
and the internal reference signal (ramp and 0.6V), the one with
the lowest voltage is used as the reference for comparing with
the FB signal. In DDR configuration, VTT channel should start up
later, after its internal soft-start ramp, such that VTT tracks the
voltage on the CLKOUT pin derived from VDDQ. This configuration
can be achieved by adding more filtering at EN/FF1 than at
EN/FF2.
It is suggested to scale the target CLKOUT voltage to 0.612V (2%
above 0.6V reference) with an external resistor divider. After
start-up, the internal reference takes over to maintain the good
regulation of VTT. The resistor divider ratio (k) of R7/R8 in
Figure 20 is Based on the feedback divider of VDDQ
(R1 and R2)together with the 0.612V target CLKOUT voltage as
shown in Equation 7:
For Figure 20, R1 = 1kΩ, R2 = 316Ω. The resistor divider ratio of
R7/R8 is calculated as 3.083, so R8 is 324Ω with 1kΩ used as
R7.
Mode Programming
ISL8225M can be programmed for dual-output, paralleled
single-output or mixed outputs (Channel 1 in parallel and
Channel 2 in dual-output). With multiple ISL8225Ms, up to 6
modules using its internal cascaded clock signal control, the
modules can supply large current up to 180A. For complete
operation, please refer to Table 3 on page 21. Commonly used
settings are listed in Table 5.
When the module is in the dual-output condition, depending
upon the voltage level at CLKOUT (which is set by the VCC resistor
divider output), ISL8225M operates with phase shifted as the
CLKOUT voltage shown in Table 6. The phase shift is latched as
VCC rises above POR; it cannot be changed on the fly.
FIGURE 33. RSYNC vs SWITCHING FREQUENCY
0
100
200
300
400
500
600
700
800
500 600 700 800 900 1000 1100 1200 1300 1400 1500
FREQUENCY (kHz)
TABLE 5. PHASE-SHIFT SETTING
OPERATION
PHASE-SHIFT
BETWEEN PHASES
VSEN2- VSEN2+ CLKOUT MODE
Dual Output
(Figure 18)
180°
N/C
N/C
VCC
N/C
30A
(Figure 19)
180°
VCC
N/C
N/C
SGND
30A
(Figure 23)
240°
VCC
SGND
N/C
VCC
60A
(Figure 24)
90°
VCC
VCC
N/C
VCC
90A
(Figure 26)
60°
VCC
N/C
N/C
SGND
TABLE 6. CLKOUT TO PROGRAM PHASE SHIFT AT DUAL-OUTPUT
CLKOUT
VOLTAGE SETTING
PHASE FOR CHANNEL 2
WRT CHANNEL 1
RECOMMENDED
CLKOUT VOLTAGE
<29% of VCC
-60°
15% VCC
29% to 45% of VCC
0°
37% VCC
45% to 62% of VCC
90°
53% VCC
62% of VCC
180°
VCC
k1
R1
R2
--------
+

 1.02
1
–
=
(EQ. 7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com