Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL8225MEVAL4Z Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # ISL8225MEVAL4Z
Description  Dual 15A/Single 30A Step-Down Power Module
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8225MEVAL4Z Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button ISL8225MEVAL4Z Datasheet HTML 13Page - Renesas Technology Corp ISL8225MEVAL4Z Datasheet HTML 14Page - Renesas Technology Corp ISL8225MEVAL4Z Datasheet HTML 15Page - Renesas Technology Corp ISL8225MEVAL4Z Datasheet HTML 16Page - Renesas Technology Corp ISL8225MEVAL4Z Datasheet HTML 17Page - Renesas Technology Corp ISL8225MEVAL4Z Datasheet HTML 18Page - Renesas Technology Corp ISL8225MEVAL4Z Datasheet HTML 19Page - Renesas Technology Corp ISL8225MEVAL4Z Datasheet HTML 20Page - Renesas Technology Corp ISL8225MEVAL4Z Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
ISL8225M
FN7822 Rev 2.00
Page 17 of 34
December 8, 2014
FIGURE 25. 3-PHASE PARALLELED AT 1.5V/40A AND 1-PHASE AT 5V/10A OUTPUT WITH 90° INTERLEAVING
Typical Application Circuits (Continued)
1.5V/40A
4.5V TO 20V
PGOOD
5V/10A
VCC1
VCC2
VCC1
VCC
VOUT1
VIN
VOUT2
R4*
COUT1
ISL8225M
VIN1
SYNC
CLKOUT
VCC
ISHARE
VSEN1+
VSEN1-
EN/FF1
EN/FF2
VSEN2-
VSEN2+
VOUT1
VOUT2
PHASE1
PHASE2
MODE
VMON2
COMP1
PGOOD
COMP2
VMON1
VIN2
COUT3
CIN1
CIN2
1kΩ
C1
ISL8225M
VIN1
SYNC
CLKOUT
VCC
ISHARE
VSEN1+
VSEN1-
EN/FF1
EN/FF2
VSEN2-
VSEN2+
VOUT1
VOUT2
PHASE1
PHASE2
MODE
VMON2
COMP1
PGOOD
COMP2
VMON1
VIN2
R3*
COUT2
R11
316Ω
R5
R7
100kΩ
C3
1
14
8
15
16
7
17
3
19
5
20
2
23
22
21
25
26
18
4
12
10
24
69
1
14
8
15
16
7
17
3
19
5
20
2
23
22
21
25
26
18
4
12
10
24
69
R6
4x22µF
4.7µF
4x22µF
4x100µF
2x100µF
3x100µF
R2
316Ω
R1
1kΩ
953Ω
3.3kΩ
VCC1
4.7µF
C2
470pF
R9
137Ω
R8
1kΩ
R10
C4
470pF
VCC2
2x470µF
+
MASTER PHASE
*SEE Table 1
on page 19
FOR R3/R4
VALUES.
SLAVE
SLAVE
C5
22nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com