Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL8225MEVAL4Z Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # ISL8225MEVAL4Z
Description  Dual 15A/Single 30A Step-Down Power Module
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8225MEVAL4Z Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button ISL8225MEVAL4Z Datasheet HTML 5Page - Renesas Technology Corp ISL8225MEVAL4Z Datasheet HTML 6Page - Renesas Technology Corp ISL8225MEVAL4Z Datasheet HTML 7Page - Renesas Technology Corp ISL8225MEVAL4Z Datasheet HTML 8Page - Renesas Technology Corp ISL8225MEVAL4Z Datasheet HTML 9Page - Renesas Technology Corp ISL8225MEVAL4Z Datasheet HTML 10Page - Renesas Technology Corp ISL8225MEVAL4Z Datasheet HTML 11Page - Renesas Technology Corp ISL8225MEVAL4Z Datasheet HTML 12Page - Renesas Technology Corp ISL8225MEVAL4Z Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
ISL8225M
FN7822 Rev 2.00
Page 9 of 34
December 8, 2014
DIFFERENTIAL AMPLIFIER (Note 9)
DC Gain
UG_DA
Unity gain amplifier
0
dB
Unity Gain Bandwidth
UGBW_DA
5
MHz
VSEN+ Pin Sourcing Current
IVSEN+
0.2
1
2.5
µA
Maximum Source Current for Current Sharing
IVSEN1-
VSEN1- Source Current for Current Sharing when
parallel multiple modules, each of which has its
own voltage loop
350
µA
Input Impedance
RVSEN+_to
_VSEN-
VVSEN+/IVSEN+, VVSEN+ = 0.6V
-600
kΩ
Output Voltage Swing
0VCC - 1.8
V
Input Common Mode Range
-0.2
VCC - 1.8
V
Disable Threshold
VVSEN-
VMON1, 2 = tri-state
VCC - 0.4
V
OVERCURRENT PROTECTION (Note 9)
Channel Overcurrent Limit
Ilimit1
VIN = 12V, VOUT1 = 1.5V, RSYNC = Open
20
A
Ilimit2
VIN = 12V, VOUT2 = 1.5V, RSYNC = Open
20
A
Share Pin OC Threshold
VOC_SET
VCC = 5V
(comparator offset included)
1.16
1.20
1.22
V
CURRENT SHARE
Current Share Accuracy
I/IOUT
VIN = 12V, VOUT = 1.5V
IOUT = 30A, VSEN2- = high
±10
%
POWER-GOOD MONITOR (Note 9)
Undervoltage Falling Trip Point
VUVF
Percentage below reference point
-15
-13
-11
%
Undervoltage Rising Hysteresis
VUVR_HYS Percentage above UV trip point
4
%
Overvoltage Rising Trip Point
VOVR
Percentage above reference point
11
13
15
%
Overvoltage Falling Hysteresis
VOVF_HYS Percentage below OV trip point
4
%
PGOOD Low Output Voltage
IPGOOD = 2mA
0.35
V
Sinking Impedance
IPGOOD = 2mA
70
Ω
Maximum Sinking Current
VPGOOD < 0.8V
10
mA
OVERVOLTAGE PROTECTION (Note 9)
OV Latching-up Trip Point
EN/FF = UGATE = LATCH Low, LGATE = High
118
120
122
%
OV Non Latching-up Trip Point
EN = Low, UGATE = Low, LGATE = High
113
%
LGATE Release Trip Point
EN = Low/HIGH, UGATE = Low, LGATE = Low
87
%
OVER-TEMPERATURE PROTECTION (Note 9)
Over-Temperature Trip (Controller Junction
Temperature)
150
°
C
Over-Temperature Release Threshold
(Controller Junction Temperature)
125
°
C
NOTES:
7. Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design.
8. Parameters with TYP limits are not production tested, unless otherwise specified.
9. Parameters are 100% tested for internal IC prior to module assembly.
Electrical Specifications TA = +25°C, VIN = 12V, unless otherwise noted. Boldface limits apply across the internal junction
temperature range, -40°C to +125°C (Note 4). (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 7)
TYP
(Note 8)
MAX
(Note 7)UNITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com