Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL8225MEVAL4Z Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # ISL8225MEVAL4Z
Description  Dual 15A/Single 30A Step-Down Power Module
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8225MEVAL4Z Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button ISL8225MEVAL4Z Datasheet HTML 24Page - Renesas Technology Corp ISL8225MEVAL4Z Datasheet HTML 25Page - Renesas Technology Corp ISL8225MEVAL4Z Datasheet HTML 26Page - Renesas Technology Corp ISL8225MEVAL4Z Datasheet HTML 27Page - Renesas Technology Corp ISL8225MEVAL4Z Datasheet HTML 28Page - Renesas Technology Corp ISL8225MEVAL4Z Datasheet HTML 29Page - Renesas Technology Corp ISL8225MEVAL4Z Datasheet HTML 30Page - Renesas Technology Corp ISL8225MEVAL4Z Datasheet HTML 31Page - Renesas Technology Corp ISL8225MEVAL4Z Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
ISL8225M
FN7822 Rev 2.00
Page 28 of 34
December 8, 2014
Current Derating
Experimental power loss curves (Figures 35 and 36), along with
JA from thermal modeling analysis, can be used to evaluate the
thermal consideration for the module. Derating curves are
derived from the maximum power allowed while maintaining
temperature below the maximum junction temperature of
+120°C (Figures 37 through 42). The maximum +120°C
junction temperature is considered for the module to load the
current consistently and it provides the 5°C margin of safety
from the rated junction temperature of +125°C. If necessary,
customers can adjust the margin of safety according to the real
applications. All derating curves are obtained from the tests on
the ISL8225MEVAL4Z evaluation board. In the actual
application, other heat sources and design margins should be
considered.
Package Description
The ISL8225M is integrated into a quad flatpack no lead
package (QFN). This package has such advantages as good
thermal and electrical conductivity, low weight, and small size.
The QFN package is applicable for surface mounting technology
and is becoming more common in the industry. The ISL8225M
contains several types of devices, including resistors, capacitors,
inductors, and control ICs. The ISL8225M is a copper lead-frame
based package with exposed copper thermal pads, which have
good electrical and thermal conductivity. The copper lead frame
and multi-component assembly are over-molded with polymer
mold compound to protect these devices.
The package outline, typical PCB layout pattern, and typical
stencil pattern design are shown in the L26.17x17 package
outline drawing on page 28. Figure 48 shows typical reflow
profile parameters. These guidelines are general design rules.
Users can modify parameters according to specific applications.
PCB Layout Pattern Design
The bottom of ISL8225M is a lead-frame footprint, which is
attached to the PCB by surface mounting. The PCB layout pattern
is shown in the L26.17x17 package outline drawing on page 33.
The PCB layout pattern is essentially 1:1 with the QFN exposed
pad and the I/O termination dimensions, except that the PCB
lands are slightly longer than the QFN terminations by about
0.2mm (0.4mm max). This extension allows for solder filleting
around the package periphery and ensures a more complete and
inspectable solder joint. The thermal lands on the PCB layout
should match 1:1 with the package exposed die pads.
Thermal Vias
A grid of 1.0mm to 1.2mm pitched thermal vias, which drops
down and connects to buried copper planes, should be placed
under the thermal land. The vias should be about 0.3mm to
0.33mm in diameter, with the barrel plated to about 2.0 ounce
copper. Although adding more vias (by decreasing pitch)
improves thermal performance, it also diminishes results as
more vias are added. Use only as many vias as are needed for
the thermal land size and as your board design rules allow.
Stencil Pattern Design
Reflowed solder joints on the perimeter I/O lands should have
about a 50µm to 75µm (2mil to 3mil) standoff height. The solder
paste stencil design is the first step in developing optimized,
reliable solder joins. The stencil aperture size to land size ratio
should typically be 1:1. Aperture width may be reduced slightly to
help prevent solder bridging between adjacent I/O lands.
To reduce solder paste volume on the larger thermal lands, an
array of smaller apertures instead of one large aperture is
recommended. The stencil printing area should cover 50% to
80% of the PCB layout pattern. A typical solder stencil pattern is
shown in the L26.17x17 package outline drawing on page 33.
The gap width between pads is 0.6mm. Consider the symmetry
of the whole stencil pattern when designing the pads.
A laser-cut, stainless-steel stencil with electropolished
trapezoidal walls is recommended. Electropolishing smooths the
aperture walls, resulting in reduced surface friction and better
paste release, which reduces voids. Using a trapezoidal section
aperture (TSA) also promotes paste release and forms a
brick-like paste deposit, which assists in firm component
placement. A 0.1mm to 0.15mm stencil thickness is
recommended for this large-pitch (1.0mm) QFN.
KELVIN CONNECTIONS
FOR THE VSENS LINES
CIN2
CIN1
COUT1
COUT2
PGND
VOUT1
VOUT2
PHASE1
PHASE2
PGND
VIN2
VIN1
SGND
PGND
KELVIN CONNECTIONS
FOR THE VSENS LINES
+
-
+
-
PIN 1
R3
R4
R1
R2
TO LOAD
TO LOAD
FIGURE 34. RECOMMENDED LAYOUT
OPTIONAL SNUBBER
OPTIONAL SNUBBER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com