Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL8225MEVAL4Z Datasheet(PDF) 31 Page - Renesas Technology Corp

Part # ISL8225MEVAL4Z
Description  Dual 15A/Single 30A Step-Down Power Module
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8225MEVAL4Z Datasheet(HTML) 31 Page - Renesas Technology Corp

Back Button ISL8225MEVAL4Z Datasheet HTML 26Page - Renesas Technology Corp ISL8225MEVAL4Z Datasheet HTML 27Page - Renesas Technology Corp ISL8225MEVAL4Z Datasheet HTML 28Page - Renesas Technology Corp ISL8225MEVAL4Z Datasheet HTML 29Page - Renesas Technology Corp ISL8225MEVAL4Z Datasheet HTML 30Page - Renesas Technology Corp ISL8225MEVAL4Z Datasheet HTML 31Page - Renesas Technology Corp ISL8225MEVAL4Z Datasheet HTML 32Page - Renesas Technology Corp ISL8225MEVAL4Z Datasheet HTML 33Page - Renesas Technology Corp ISL8225MEVAL4Z Datasheet HTML 34Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
FN7822 Rev 2.00
Page 31 of 34
December 8, 2014
ISL8225M
Intersil products are manufactured, assembled and tested utilizing ISO9001 quality systems as noted
in the quality certifications found at www.intersil.com/en/support/qualandreliability.html
Intersil products are sold by description only. Intersil may modify the circuit design and/or specifications of products at any time without notice, provided that such
modification does not, in Intersil's sole judgment, affect the form, fit or function of the product. Accordingly, the reader is cautioned to verify that datasheets are
current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its
subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
For additional products, see www.intersil.com/en/products.html
© Copyright Intersil Americas LLC 2012-2014. All Rights Reserved.
All trademarks and registered trademarks are the property of their respective owners.
Reflow Parameters
Due to the low mount height of the QFN, "No Clean" Type 3 solder
paste, per ANSI/J-STD-005, is recommended. Nitrogen purge is
also recommended during reflow. A system board reflow profile
depends on the thermal mass of the entire populated board, so it
is not practical to define a specific soldering profile just for the
QFN. The profile given in Figure 43 is provided as a guideline to
customize for varying manufacturing practices and applications.
FIGURE 47. DERATING CURVE 12V/7.5V
Derating Curves All of the following curves were plotted at T
J = +125°C. (Continued)
0
2
4
6
8
10
12
14
25
45
65
85
105
125
TEMPERATURE (°C)
400LFM
200LFM
0LFM
FIGURE 48. TYPICAL REFLOW PROFILE
0300
100
150
200
250
350
0
50
100
150
200
250
300
DURATION (s)
SLOW RAMP (3°C/s MAX)
AND SOAK FROM +100°C
TO +180°C FOR 90s~120s
RAMP RATE
1.5°C FROM +70°C TO +90°C
PEAK TEMPERATURE +230°C~+245°C;
TYPICALLY 60s-70s ABOVE +220°C
KEEP LESS THAN 30s WITHIN 5°C OF PEAK TEMP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com