Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL8225MEVAL4Z Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ISL8225MEVAL4Z
Description  Dual 15A/Single 30A Step-Down Power Module
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8225MEVAL4Z Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ISL8225MEVAL4Z Datasheet HTML 6Page - Renesas Technology Corp ISL8225MEVAL4Z Datasheet HTML 7Page - Renesas Technology Corp ISL8225MEVAL4Z Datasheet HTML 8Page - Renesas Technology Corp ISL8225MEVAL4Z Datasheet HTML 9Page - Renesas Technology Corp ISL8225MEVAL4Z Datasheet HTML 10Page - Renesas Technology Corp ISL8225MEVAL4Z Datasheet HTML 11Page - Renesas Technology Corp ISL8225MEVAL4Z Datasheet HTML 12Page - Renesas Technology Corp ISL8225MEVAL4Z Datasheet HTML 13Page - Renesas Technology Corp ISL8225MEVAL4Z Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
ISL8225M
FN7822 Rev 2.00
Page 10 of 34
December 8, 2014
Typical Performance Characteristics
Efficiency Performance TA = +25°C, if not specified, as shown in Figure 18 with 2nd phase disabled. The efficiency equation is
as follows:
FIGURE 3. EFFICIENCY vs LOAD CURRENT (5VIN AT 500kHz)
FIGURE 4. EFFICIENCY vs LOAD CURRENT (12VIN)
FIGURE 5. EFFICIENCY vs LOAD CURRENT (20VIN)
FIGURE 6. EFFICIENCY vs LOAD CURRENT (PARALLEL SINGLE
OUTPUT, AS SHOWN IN Figure 19 AT 5VIN/500kHz)
FIGURE 7. EFFICIENCY vs LOAD CURRENT (PARALLEL SINGLE OUTPUT, AS SHOWN IN Figure 19 AT 12VIN/500kHz
Efficiency
Output Power
Input Power
-----------------------------------------
POUT
PIN
----------------
VOUTxIOUT

VINxIIN

--------------------------------------
==
=
50
55
60
65
70
75
80
85
90
95
100
0
2
4
6
8
10
12
14
16
LOAD CURRENT (A)
1V
1.2V
1.5V
1.8V
2.5V
3.3V
50
55
60
65
70
75
80
85
90
95
100
0
246
8
10
12
14
16
LOAD CURRENT (A)
1V AT 500kHz
1.5V AT 500kHz
3.3V AT 650kHz
2.5V AT 500kHz
1.2V AT 500kHz
5V AT 850kHz
6.5V AT 750kHz
1.8V AT 500kHz
7.5V AT 750kHz
LOAD CURRENT (A)
50
55
60
65
70
75
80
85
90
95
100
0
2
4
6
8
10
12
14
16
1V AT 500kHz
1.2V AT 500kHz
1.5V AT 500kHz
1.8V AT 500kHz
2.5V AT 500kHz
3.3V AT 650kHz
6.5V AT 750kHz
7.5V AT 750kHz
5V AT 900kHz
70
75
80
85
90
95
100
0
5
10
15
20
25
30
LOAD CURRENT (A)
1.2VOUT
1.5VOUT
2.5VOUT
1.8VOUT
1VOUT
60
65
70
75
80
85
90
95
0
5
10
15
20
25
30
LOAD CURRENT (A)
1.2VOUT
1.5VOUT
2.5VOUT
1.8VOUT
1VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com