Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530A Datasheet(PDF) 17 Page - Advanced Micro Devices

Part # CS5530A
Description  AMD Geode CS5530A Companion Device
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

CS5530A Datasheet(HTML) 17 Page - Advanced Micro Devices

Back Button CS5530A Datasheet HTML 13Page - Advanced Micro Devices CS5530A Datasheet HTML 14Page - Advanced Micro Devices CS5530A Datasheet HTML 15Page - Advanced Micro Devices CS5530A Datasheet HTML 16Page - Advanced Micro Devices CS5530A Datasheet HTML 17Page - Advanced Micro Devices CS5530A Datasheet HTML 18Page - Advanced Micro Devices CS5530A Datasheet HTML 19Page - Advanced Micro Devices CS5530A Datasheet HTML 20Page - Advanced Micro Devices CS5530A Datasheet HTML 21Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 259 page
background image
AMD Geode™ CS5530A Companion Device Data Book
17
Architecture Overview
Revision 1.1
2.9
Clock Generation
In a CS5530A/GX1 processor based system, the CS5530A
generates only the video DOT clock (DCLK) for the CPU
and the ISA clock. All other clocks are generated by an
external clock chip.
The ISACLK is created by dividing the PCICLK. For ISA
compatibility, the ISACLK nominally runs at 8.33 MHz or
less. The ISACLK dividers are programmed via F0 Index
50h[2:0].
DCLK is generated from the 14.31818 MHz input
(CLK_14MHZ). A combination of a phase locked loop
(PLL), linear feedback shift register (LFSR) and divisors
are used to generate the desired frequencies for the DCLK.
The divisors and LFSR are configurable through the
F4BAR+Memory Offset 24h. For applications that do not
use the GX1 processor’s graphics subsystem, this is an
available clock for general purpose use.
Figure 2-4 shows a block diagram for clock generation
within the CS5530A.
Figure 2-4. CS5530A Clock Generation
2.10
Universal Serial Bus
The CS5530A provides two complete, independent USB
ports. Each port has a Data “–” and a Data “+” pin.
The USB controller is a compliant Open Host Controller
Interface (OpenHCI). The OpenHCI specification provides
a register-level description for a host controller, as well as a
common industry hardware/software interface and drivers
(see OpenHCI Specification, Revision 1.0, for description).
DCLK
DCLK
PLL
÷N
TVCLK
CLK_14MHZ
ISACLK
PCICLK
M
U
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com