Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530A Datasheet(PDF) 96 Page - Advanced Micro Devices

Part # CS5530A
Description  AMD Geode CS5530A Companion Device
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

CS5530A Datasheet(HTML) 96 Page - Advanced Micro Devices

Back Button CS5530A Datasheet HTML 92Page - Advanced Micro Devices CS5530A Datasheet HTML 93Page - Advanced Micro Devices CS5530A Datasheet HTML 94Page - Advanced Micro Devices CS5530A Datasheet HTML 95Page - Advanced Micro Devices CS5530A Datasheet HTML 96Page - Advanced Micro Devices CS5530A Datasheet HTML 97Page - Advanced Micro Devices CS5530A Datasheet HTML 98Page - Advanced Micro Devices CS5530A Datasheet HTML 99Page - Advanced Micro Devices CS5530A Datasheet HTML 100Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 259 page
background image
96
AMD Geode™ CS5530A Companion Device Data Book
PC/AT Compatibility Logic
Revision 1.1
4.5.3
ROM Interface
The CS5530A positively decodes memory addresses
000F0000h-000FFFFFh
(64
KB)
and
FFFC0000h-
FFFFFFFFh (256 KB) at reset. These memory cycles
cause the CS5530A to claim the cycle, and generate an
ISA bus memory cycle with KBROMCS# asserted. The
CS5530A can also be configured to respond to memory
addresses
FF000000h-FFFFFFFFh
(16
MB)
and
000E0000h-000FFFFFh (128 KB).
Flash ROM is supported in the CS5530A by enabling the
KBROMCS# signal on write accesses to the ROM region.
Normally only read cycles are passed to the ISA bus, and
the KBROMCS# signal is suppressed. When the ROM
Write Enable bit (F0 Index 52h[1]) is set, a write access to
the ROM address region causes an 8-bit write cycle to
occur with MEMW# and KBROMCS# asserted. Table 4-39
shows the ROM interface related programming bits.
4.5.4
Megacells
The CS5530A core logic integrates:
• Two 8237-equivalent DMA controllers (DMAC) with full
32-bit addressing for DMA transfers.
• Two 8259-equivalent interrupt controllers providing 13
individually programmable external interrupts.
• An 8254-equivalent timer for refresh, timer, and speaker
logic.
• NMI control and generation for PCI system errors and all
parity errors.
• Support for standard AT keyboard controllers, reset
control, and VSA technology audio.
Table 4-39. ROM Interface Related Bits
Bit
Description
F0 Index 52h
ROM/AT Logic Control Register (R/W)
Reset Value = F8h
2
Upper ROM Address Range: KBROMCS# is asserted for ISA memory read accesses.
0 = FFFC0000h-FFFFFFFFh (256 KB, Default); 1 = FF000000h-FFFFFFFFh (16 MB)
Note: PCI Positive decoding for the ROM space is enabled at F0 Index 5Bh[5]).
1
ROM Write Enable: Assert KBROMCS# during writes to configured ROM space (configured in bits 2 and 0),
allowing Flash programming. 0 = Disable; 1 = Enable.
0
Lower ROM Address Range: KBROMCS# is asserted for ISA memory read accesses.
0 = 000F0000h-000FFFFFh (64 KB, Default); 1 = 000E0000h-000FFFFFh (128 KB).
Note: PCI Positive decoding for the ROM space is enabled at F0 Index 5Bh[5]).
F0 Index 5Bh
Decode Control Register 2 (R/W)
Reset Value = 20h
5
BIOS ROM Positive Decode: Selects PCI positive or subtractive decoding for accesses to the configured ROM space.
0 = Subtractive; 1 = Positive.
ROM configuration is at F0 Index 52h[2:0].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com