Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530A Datasheet(PDF) 14 Page - Advanced Micro Devices

Part # CS5530A
Description  AMD Geode CS5530A Companion Device
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

CS5530A Datasheet(HTML) 14 Page - Advanced Micro Devices

Back Button CS5530A Datasheet HTML 10Page - Advanced Micro Devices CS5530A Datasheet HTML 11Page - Advanced Micro Devices CS5530A Datasheet HTML 12Page - Advanced Micro Devices CS5530A Datasheet HTML 13Page - Advanced Micro Devices CS5530A Datasheet HTML 14Page - Advanced Micro Devices CS5530A Datasheet HTML 15Page - Advanced Micro Devices CS5530A Datasheet HTML 16Page - Advanced Micro Devices CS5530A Datasheet HTML 17Page - Advanced Micro Devices CS5530A Datasheet HTML 18Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 259 page
background image
14
AMD Geode™ CS5530A Companion Device Data Book
Architecture Overview
Revision 1.1
2.2
PCI Bus Interface
The CS5530A provides a PCI bus interface that is both a
slave for PCI cycles initiated by the CPU or other PCI mas-
ter devices, and a non-preemptable master for DMA trans-
fer cycles. The chip also is a standard PCI master for the
IDE controllers and audio I/O logic. The CS5530A supports
positive decode for configurable memory and I/O regions
and implements a subtractive decode option for unclaimed
PCI accesses. The CS5530A also generates address and
data parity and performs parity checking. The CS5530A
does not include the PCI bus arbiter, which is located in the
processor.
Configuration registers are accessed through the PCI inter-
face using the PCI Bus Type 1 configuration mechanism as
described in the PCI 2.1 Specification.
2.3
ISA Bus Interface
The CS5530A provides an ISA bus interface for unclaimed
memory and I/O cycles on PCI. The CS5530A is the
default subtractive decoding agent and forwards all
unclaimed memory and I/O cycles to the ISA interface;
however, the CS5530A may be configured to ignore either
I/O, memory, or all unclaimed cycles (subtractive decode
disabled).
The CS5530A supports two modes on the ISA interface.
The default mode, Limited ISA Mode, supports the full
memory and I/O address range without ISA mastering. The
address and data buses are multiplexed together, requiring
an external latch to latch the lower 16 bits of address of the
ISA cycle. The signal SA_LATCH is generated when the
data on the SA/SD bus is a valid address. Additionally, the
upper four address bits, SA[23:20], are multiplexed on
GPIO[7:4].
The second mode, ISA Master Mode, supports ISA bus
masters and requires no external circuitry. When the
CS5530A is placed in ISA Master Mode, a large number of
pins are redefined. In this mode, the CS5530A cannot sup-
port TFT flat panels or TV controllers since most of the sig-
nals used to support these functions have been redefined.
This mode is required if ISA slots or ISA masters are used.
ISA master cycles are only passed to the PCI bus if they
access memory. I/O accesses are left to complete on the
ISA bus.
For further information regarding mode selection and oper-
ational details refer to Section 4.5.2.2 "Limited ISA and ISA
Master Modes" on page 92.
2.4
AT Compatibility Logic
The CS5530A integrates:
• Two 8237-equivalent DMA controllers with full 32-bit
addressing
• Two 8259-equivalent interrupt controllers providing 13
individually programmable external interrupts
• An 8254-equivalent timer for refresh, timer, and speaker
logic
• NMI control and generation for PCI system errors and all
parity errors
• Support for standard AT keyboard controllers
• Positive decode for the AT I/O register space
• Reset control
2.4.1
DMA Controller
The CS5530A supports the industry standard DMA archi-
tecture using two 8237-compatible DMA controllers in cas-
caded configuration. CS5530A-supported DMA functions
include:
• Standard seven-channel DMA support
• 32-bit address range support via high page registers
• IOCHRDY extended cycles for compatible timing
transfers
• ISA bus master device support using cascade mode
2.4.2
Programmable Interval Timer
The CS5530A contains an 8254-equivalent programmable
interval timer. This device has three timers, each with an
input frequency of 1.193 MHz.
2.4.3
Programmable Interrupt Controller
The CS5530A contains two 8259-equivalent programmable
interrupt controllers (PICs), with eight interrupt request
lines each, for a total of 16 interrupts. The two controllers
are cascaded internally, and two of the interrupt request
inputs are connected to the internal circuitry. This allows a
total of 13 externally available interrupt requests.
Each CS5530A IRQ signal can be individually selected as
edge- or level-sensitive. The PCI interrupt signals are
routed internally to the PICs IRQs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com