Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530A Datasheet(PDF) 77 Page - Advanced Micro Devices

Part # CS5530A
Description  AMD Geode CS5530A Companion Device
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

CS5530A Datasheet(HTML) 77 Page - Advanced Micro Devices

Back Button CS5530A Datasheet HTML 73Page - Advanced Micro Devices CS5530A Datasheet HTML 74Page - Advanced Micro Devices CS5530A Datasheet HTML 75Page - Advanced Micro Devices CS5530A Datasheet HTML 76Page - Advanced Micro Devices CS5530A Datasheet HTML 77Page - Advanced Micro Devices CS5530A Datasheet HTML 78Page - Advanced Micro Devices CS5530A Datasheet HTML 79Page - Advanced Micro Devices CS5530A Datasheet HTML 80Page - Advanced Micro Devices CS5530A Datasheet HTML 81Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 259 page
background image
AMD Geode™ CS5530A Companion Device Data Book
77
Power Management
Revision 1.1
4.4.3.2
General Purpose Timers
The CS5530A contains two general purpose timers, Gen-
eral Purpose Timer 1 (F0 Index 88h) and General Purpose
Timer 2 (F0 Index 8Ah). These two timers are similar to the
Device Idle Timers in that they count down to zero unless
re-triggered, and generate an SMI when they reach zero.
However, these are 8-bit timers instead of 16 bits, they
have a programmable timebase, they are not enabled or
disabled by Global Power Management bits F0 Index
80h[1:0], and the events which reload these timers are con-
figurable. These timers are typically used for an indication
of system inactivity for Suspend determination.
General Purpose Timer 1 can be re-triggered by activity to
any of the configured user defined devices, keyboard and
mouse, parallel and serial, floppy disk, or hard disk.
General Purpose Timer 2 can be re-triggered by a transi-
tion on the GPIO7 pin (if GPIO7 is properly configured).
Configuration of the GPIO7 is explained in Section 4.4.3.4
"General Purpose I/O Pins" on page 80.
The timebase for both general purpose timers can be con-
figured as either 1 second (default) or 1 millisecond. The
registers at F0 Index 89h and 8Bh are the control registers
for the general purpose timers. Table 4-28 show the bit for-
mats for these registers.
After a general purpose timer is enabled or after an event
reloads the timer, the timer is loaded with the configured
count value. Upon expiration of the timer an SMI is gener-
ated and a status flag is set. Once expired, this timer must
be re-initialized by disabling and enabling it.
The general purpose timer is not loaded immediately, but
when the free-running timebase counter reaches its maxi-
mum value. Depending on the count at the time, this could
be on the next 32 KHz clock (CLK_32K), or after a full
count of 32, or 32,768 clocks (approximately 1 msec, or
exactly 1 sec). The general purpose timer cannot trigger an
interrupt until after the first count. Thus, the minimum time
before the next SMI from the timer can be either from 1-
2 msec or 1-2 sec with a setting of 02h.
Table 4-28. General Purpose Timers and Control Registers
Bit
Description
F0 Index 88h
General Purpose Timer 1 Count Register (R/W)
Reset Value = 00h
7:0
General Purpose Timer 1 Count: This register holds the load value for GP Timer 1. This value can represent either an 8-
bit or 16-bit timer (selected at F0 Index 8Bh[4]). It is loaded into the timer when the timer is enabled (F0 Index 83h[0] =1).
Once enabled, an enabled event (configured in F0 Index 89h[6:0]) reloads the timer.
The timer is decremented with each clock of the configured timebase. Upon expiration of the timer, an SMI is generated and
the top level SMI status is reported at F1BAR+Memory Offset 00h/02h[9]. The second level SMI status is reported at
F1BAR+Memory Offset 04h/06h[0]).
Once expired, this timer must be re-initialized by either disabling and enabling it, or writing a new count value here.
This timer’s timebase can be configured as 1 msec or 1 sec at F0 Index 89h[7].
F0 Index 89h
General Purpose Timer 1 Control Register (R/W)
Reset Value = 00h
7
Timebase for General Purpose Timer 1: Selects timebase for GP Timer 1 (F0 Index 88h). 0 = 1 sec; 1 = 1 msec.
6
Re-trigger General Purpose Timer 1 on User Defined Device 3 (UDEF3) Activity: 0 = Disable; 1 = Enable.
Any access to the configured (memory or I/O) address range for UDEF3 reloads GP Timer 1. UDEF3 address
programming is at F0 Index C8h (base address register) and CEh (control register).
5
Re-trigger General Purpose Timer 1 on User Defined Device 2 (UDEF2) Activity: 0 = Disable; 1 = Enable.
Any access to the configured (memory or I/O) address range for UDEF2 reloads GP Timer 1. UDEF2 address
programming is at F0 Index C4h (base address register) and CDh (control register).
4
Re-trigger General Purpose Timer 1 on User Defined Device 1 (UDEF1) Activity: 0 = Disable; 1 = Enable.
Any access to the configured (memory or I/O) address range for UDEF1 reloads GP Timer 1. UDEF1 address
programming is at F0 Index C0h (base address register) and CCh (control register)
3
Re-trigger General Purpose Timer 1 on Keyboard or Mouse Activity: 0 = Disable; 1 = Enable
Any access to the keyboard or mouse I/O address range (listed below) reloads GP Timer 1.
Keyboard Controller: I/O Ports 060h/064h
COM1: I/O Port 3F8h-3FFh (if F0 Index 93h[1:0] = 10 this range is included)
COM2: I/O Port 2F8h-2FFh (if F0 Index 93h[1:0] = 11 this range is included)
2
Re-trigger General Purpose Timer 1 on Parallel/Serial Port Activity: 0 = Disable; 1 = Enable.
Any access to the parallel or serial port I/O address range (listed below) reloads the GP Timer 1.
LPT1: I/O Port 378h-37Fh, 778h-77Ah
LPT2: I/O Port 278h-27Fh, 678h-67Ah
COM1: I/O Port 3F8h-3FFh (if F0 Index 93h[1:0] = 10 this range is excluded)
COM2: I/O Port 2F8h-2FFh (if F0 Index 93h[1:0] = 11 this range is excluded)
COM3: I/O Port 3E8h-3EFh
COM4: I/O Port 2E8h-2EFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com