Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530A Datasheet(PDF) 49 Page - Advanced Micro Devices

Part # CS5530A
Description  AMD Geode CS5530A Companion Device
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

CS5530A Datasheet(HTML) 49 Page - Advanced Micro Devices

Back Button CS5530A Datasheet HTML 45Page - Advanced Micro Devices CS5530A Datasheet HTML 46Page - Advanced Micro Devices CS5530A Datasheet HTML 47Page - Advanced Micro Devices CS5530A Datasheet HTML 48Page - Advanced Micro Devices CS5530A Datasheet HTML 49Page - Advanced Micro Devices CS5530A Datasheet HTML 50Page - Advanced Micro Devices CS5530A Datasheet HTML 51Page - Advanced Micro Devices CS5530A Datasheet HTML 52Page - Advanced Micro Devices CS5530A Datasheet HTML 53Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 259 page
background image
AMD Geode™ CS5530A Companion Device Data Book
49
Processor Interface
Revision 1.1
4.1.1
Display Subsystem Connections
When a GX1 processor is used in a system with the
CS5530A, the need for an external RAMDAC is eliminated.
The CS5530A contains the DACs, a video accelerator
engine, and the TFT interface.
The CS5530A also supports both portable and desktop
configurations. Figure 4-2 shows the signal connections for
both types of systems.
Figure 4-3 on page 50 details how PIXEL[17:0] on the pro-
cessor connects with PIXEL[23:0] of the CS5530A.
Figure 4-2. Portable/Desktop Display Subsystem Configurations
DCLK
PCLK
FP_HSYNC
FP_VSYNC
ENA_DISP
VID_RDY
VID_CLK
VID_DATA[7:0]
PIXEL[17:12]
PIXEL[11:6]
HSYNC
VSYNC
R[5:0]
G[5:0]
B[5:0]
CLK
VDD
12VBKL
Pin 13
Pin 14
Pin 3
Pin 2
Pin 1
Pwr
Cntrl
ENAB
VGA
Pin 15
Pin 12
AMD Geode™
CS5530A
DCLK
PCLK
FP_HSYNC
FP_VSYNC
ENA_DISP
VID_RDY
VID_CLK
VID_DATA[7:0]
PIXEL[23:18]
PIXEL[15:10]
PIXEL[5:0]
VID_VAL
CRT_HSYNC
CRT_VSYNC
PIXEL[7:2]
VID_VAL
HSYNC
VSYNC
FP_ENA_VDD
FP_ENA_BKL
FP_DISP_ENA_OUT
FP_HSYNC_OUT
FP_VSYNC_OUT
FP_CLK
FP_DATA[17:12]
FP_DATA[11:6]
FP_DATA[5:0]
Logic
HSYNC_OUT
VSYNC_OUT
IOUTR
IOUTG
IOUTB
DDC_SCL
DDC_SDA
Note:
Connect PIXEL[17:16] PIXEL[9:8], and PIXEL[1:0] on the CS5530A to ground.
See Figure 4-3 "PIXEL Signal Connections" on page 50.
Port
Portable
Configuration
TFT
Flat
R[5:0]
G[5:0]
B[5:0]
HSYNC
VSYNC
CLK
TV
NTSC/PAL
Encoder
Panel
AMD Geode™
Processor
GX1
Note
Companion Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com