Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530A Datasheet(PDF) 90 Page - Advanced Micro Devices

Part # CS5530A
Description  AMD Geode CS5530A Companion Device
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

CS5530A Datasheet(HTML) 90 Page - Advanced Micro Devices

Back Button CS5530A Datasheet HTML 86Page - Advanced Micro Devices CS5530A Datasheet HTML 87Page - Advanced Micro Devices CS5530A Datasheet HTML 88Page - Advanced Micro Devices CS5530A Datasheet HTML 89Page - Advanced Micro Devices CS5530A Datasheet HTML 90Page - Advanced Micro Devices CS5530A Datasheet HTML 91Page - Advanced Micro Devices CS5530A Datasheet HTML 92Page - Advanced Micro Devices CS5530A Datasheet HTML 93Page - Advanced Micro Devices CS5530A Datasheet HTML 94Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 259 page
background image
90
AMD Geode™ CS5530A Companion Device Data Book
PC/AT Compatibility Logic
Revision 1.1
4.5.2
ISA Bus Interface
The ISA bus controller issues multiple ISA cycles to satisfy
PCI transactions that are larger than 16 bits. A full 32-bit
read or write results in two 16-bit ISA transactions or four 8-
bit ISA transactions. The ISA controller gathers the data
from multiple ISA read cycles and returns TRDY# only after
all of the data can be presented to the PCI bus at the same
time.
SA[23:0] are a concatenation of ISA LA[23:17] and
SA[19:0] and perform equivalent functionality at a reduced
pin count.
Figure 4-8 shows the relationship between a PCI cycle and
the corresponding ISA cycle generated.
Figure 4-8. Non-Posted PCI-to-ISA Access
PCI_CLK
ISACLK
FRAME#
IRDY#
TRDY#
AD[31:0] (Read)
IOR#/IOW#
AD[31:0] (Write)
BALE
STOP#
MEMR#/MEMW#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com