Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530A Datasheet(PDF) 89 Page - Advanced Micro Devices

Part # CS5530A
Description  AMD Geode CS5530A Companion Device
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

CS5530A Datasheet(HTML) 89 Page - Advanced Micro Devices

Back Button CS5530A Datasheet HTML 85Page - Advanced Micro Devices CS5530A Datasheet HTML 86Page - Advanced Micro Devices CS5530A Datasheet HTML 87Page - Advanced Micro Devices CS5530A Datasheet HTML 88Page - Advanced Micro Devices CS5530A Datasheet HTML 89Page - Advanced Micro Devices CS5530A Datasheet HTML 90Page - Advanced Micro Devices CS5530A Datasheet HTML 91Page - Advanced Micro Devices CS5530A Datasheet HTML 92Page - Advanced Micro Devices CS5530A Datasheet HTML 93Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 259 page
background image
AMD Geode™ CS5530A Companion Device Data Book
89
PC/AT Compatibility Logic
Revision 1.1
4.5
PC/AT Compatibility Logic
The CS5530A’s PC/AT compatibility logic provides support
for the standard PC architecture. This subsystem also pro-
vides legacy support for existing hardware and software.
Support functions for the GX1 processor provided by these
subsystems include:
• ISA Subtractive Decode
• ISA Bus Interface
— Delayed PCI Transactions
— Limited ISA and ISA Master Modes
• ROM Interface
• Megacells
— Direct Memory Access (DMA)
— Programmable Interval Timer
— Programmable Interrupt Controller
— PCI Compatible Interrupts
• I/O Ports 092h and 061h System Control
— I/O Port 092h System Control
— I/O Port 061h System Control
— SMI Generation for NMI
• Keyboard Interface Function
— Fast Keyboard Gate Address 20 and CPU Reset
• External Real-Time Clock Interface
The following subsections give a detailed description for
each of these functions.
4.5.1
ISA Subtractive Decode
The CS5530A provides an ISA bus controller. The
CS5530A is the default subtractive-decoding agent, and
forwards all unclaimed memory and I/O cycles to the ISA
interface. For reads and writes in the first 1 MB of memory
(i.e., A23:A20 set to 0), MEMR# or MEMW# respectively
will be asserted. However, the CS5530A can be configured
using F0 Index 04h[1:0] to ignore either I/O, memory, or all
unclaimed cycles (subtractive decode disabled, F0 Index
41h[2:1] = 1x). Table 4-36 shows these programming bits.
Table 4-36. Cycle Configuration Bits
Bit
Description
F0 Index 04h-05h
PCI Command Register (R/W)
Reset Value = 000Fh
1
Memory Space: Allow the CS5530A to respond to memory cycles from the PCI bus. 0 = Disable; 1 = Enable (Default).
0
I/O Space: Allow the CS5530A to respond to I/O cycles from the PCI bus. 0 = Disable; 1 = Enable (Default).
F0 Index 41h
PCI Function Control Register 2 (R/W)
Reset Value = 10h
2:1
Subtractive Decode: These bits determine the point at which the CS5530A accepts cycles that are not claimed by another
device. The CS5530A defaults to taking subtractive decode cycles in the default cycle clock, but can be moved up to the
Slow Decode cycle point if all other PCI devices decode in the fast or medium clocks. Disabling subtractive decode must be
done with care, as all ISA and ROM cycles are decoded subtractively.
00 = Default sample (4th clock from FRAME# active)
01 = Slow sample (3rd clock from FRAME# active)
1x = No subtractive decode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com