Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530A Datasheet(PDF) 28 Page - Advanced Micro Devices

Part # CS5530A
Description  AMD Geode CS5530A Companion Device
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

CS5530A Datasheet(HTML) 28 Page - Advanced Micro Devices

Back Button CS5530A Datasheet HTML 24Page - Advanced Micro Devices CS5530A Datasheet HTML 25Page - Advanced Micro Devices CS5530A Datasheet HTML 26Page - Advanced Micro Devices CS5530A Datasheet HTML 27Page - Advanced Micro Devices CS5530A Datasheet HTML 28Page - Advanced Micro Devices CS5530A Datasheet HTML 29Page - Advanced Micro Devices CS5530A Datasheet HTML 30Page - Advanced Micro Devices CS5530A Datasheet HTML 31Page - Advanced Micro Devices CS5530A Datasheet HTML 32Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 259 page
background image
28
AMD Geode™ CS5530A Companion Device Data Book
Signal Definitions
Revision 1.1
VDD
PWR
--
C19
VDD
PWR
--
C24
VDD
PWR
--
C3
VDD
PWR
--
D21
VDD
PWR
--
F24
VDD
PWR
--
F4
VDD
PWR
--
H24
VDD
PWR
--
L23
VDD
PWR
--
L4
VDD
PWR
--
T23
VDD
PWR
--
Y23
VDD_USB
PWR
--
U2
VID_CLK
I
8 mA
A6
VID_DATA0
I
8 mA
A11
VID_DATA1
I
8 mA
C13
VID_DATA2
I
8 mA
B13
VID_DATA3
I
8 mA
C11
VID_DATA4
I
8 mA
D11
VID_DATA5
I
8 mA
A12
VID_DATA6
I
8 mA
B12
VID_DATA7
I
8 mA
C12
VID_RDY
O
8 mA
B10
VID_VAL
I
8 mA
B7
VSS
GND
--
D12
VSS
GND
--
D13
VSS
GND
--
D16
VSS
GND
--
AA23
VSS
GND
--
AC1
2
VSS
GND
--
AC1
3
VSS
GND
--
AC1
6
VSS
GND
--
AC1
8
VSS
GND
--
AC2
3
VSS
GND
--
AC4
VSS
GND
--
AC5
VSS
GND
--
AC9
VSS
GND
--
AD2
0
VSS
GND
--
C18
VSS
GND
--
C21
VSS
GND
--
D19
VSS
GND
--
D20
VSS
GND
--
D22
VSS
GND
--
D23
VSS
GND
--
D4
VSS
GND
--
D8
VSS
GND
--
E23
VSS
GND
--
E4
VSS
GND
--
F23
Signal Name
Pin
Type1
Buffer
Type2
Pin
No.
Limited ISA
Mode
ISA Master
Mode
VSS
GND
--
G23
VSS
GND
--
H23
VSS
GND
--
H4
VSS
GND
--
J23
VSS
GND
--
K23
VSS
GND
--
K4
VSS
GND
--
M24
VSS
GND
--
M3
VSS
GND
--
N3
VSS
GND
--
P23
VSS
GND
--
V23
VSS
GND
--
W23
VSS
GND
--
W4
VSS
GND
--
Y4
VSYNC
I
8 mA
B5
VSYNC_OUT
O
8 mA
N2
ZEROWS#
I
8 mA
AF10
1.
See Table 3-1 "Pin Type Definitions" on page 20 for pin type
definitions.
2.
See Table 6-4 "DC Characteristics" on page 235 and Table 6-
8 "AC Characteristics" on page 239 for more information on
buffer types. Note that some bidirectional buffers are used as
input only, indicated by an "I" in the Pin Type column.
Signal Name
Pin
Type1
Buffer
Type2
Pin
No.
Limited ISA
Mode
ISA Master
Mode
Table 3-3.
352 PBGA Pin Assignments - Sorted Alphabetically by Signal Name (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com