Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530A Datasheet(PDF) 40 Page - Advanced Micro Devices

Part # CS5530A
Description  AMD Geode CS5530A Companion Device
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

CS5530A Datasheet(HTML) 40 Page - Advanced Micro Devices

Back Button CS5530A Datasheet HTML 36Page - Advanced Micro Devices CS5530A Datasheet HTML 37Page - Advanced Micro Devices CS5530A Datasheet HTML 38Page - Advanced Micro Devices CS5530A Datasheet HTML 39Page - Advanced Micro Devices CS5530A Datasheet HTML 40Page - Advanced Micro Devices CS5530A Datasheet HTML 41Page - Advanced Micro Devices CS5530A Datasheet HTML 42Page - Advanced Micro Devices CS5530A Datasheet HTML 43Page - Advanced Micro Devices CS5530A Datasheet HTML 44Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 259 page
background image
40
AMD Geode™ CS5530A Companion Device Data Book
Signal Definitions
Revision 1.1
GPIO1/
SDATA_IN2
AE24
I/O
General Purpose I/O 1 or Serial Data Input 2
This pin can function either as a general purpose I/O or as a second serial
data input pin if two codecs are used in the system.
In order for this pin to function as SDATA_IN2, it must first be configured as
an input (F0 Index 90h[1] = 0). Then setting F3BAR+Memory Offset 08h[21]
= 1 selects the pin to function as SDATA_IN2.
Refer to GPIO[3:2] signal description for GPIO function description.
GPIO0
AC22
I/O
General Purpose I/O 0
Refer to GPIO[3:2] signal description for GPIO function description.
3.2.9
Game Port and General Purpose I/O Interface (Continued)
Signal Name
Pin
No.
Pin
Type
Description
3.2.10
Audio Interface
Signal Name
Pin
No.
Pin
Type
Description
BIT_CLK
V2
I
Audio Bit Clock
The serial bit clock from the codec.
SDATA_OUT
V1
O
Serial Data I/O
This output transmits audio serial data to the codec.
SDATA_IN
U4
I
Serial Data Input
This input receives serial data from the codec.
SYNC
U3
O
Serial Bus Synchronization
This bit is asserted to synchronize the transfer of data between the
CS5530A and the AC97 codec.
PC_BEEP
V3
O
PC Beep
Legacy PC/AT speaker output.
3.2.11
Display Interface
Signal Name
Pin
No.
Pin
Type
Description
Pixel Port
PCLK
A13
I
Pixel Clock
This clock is used to sample data on the PIXEL input port. It runs at the
graphics DOT clock (DCLK) rate.
PIXEL[23:0]
Refer
to
Table
3-3
I
Pixel Data Port
This is the input pixel data from the processor’s display controller. If
F4BAR+Memory Offset 00h[29] is reset, the data is sent in RGB 8:8:8 for-
mat. Otherwise, the pixel data is sent in RGB 5:6:5 format which has been
dithered by the processor. The other eight bits are used in conjunction with
VID_DATA[7:0] to provide 16-bit video data. This bus is sampled by the
PCLK input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com