Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530A Datasheet(PDF) 52 Page - Advanced Micro Devices

Part # CS5530A
Description  AMD Geode CS5530A Companion Device
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

CS5530A Datasheet(HTML) 52 Page - Advanced Micro Devices

Back Button CS5530A Datasheet HTML 48Page - Advanced Micro Devices CS5530A Datasheet HTML 49Page - Advanced Micro Devices CS5530A Datasheet HTML 50Page - Advanced Micro Devices CS5530A Datasheet HTML 51Page - Advanced Micro Devices CS5530A Datasheet HTML 52Page - Advanced Micro Devices CS5530A Datasheet HTML 53Page - Advanced Micro Devices CS5530A Datasheet HTML 54Page - Advanced Micro Devices CS5530A Datasheet HTML 55Page - Advanced Micro Devices CS5530A Datasheet HTML 56Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 259 page
background image
52
AMD Geode™ CS5530A Companion Device Data Book
PCI Bus Interface
Revision 1.1
4.2.2
PCI Target
The
CS5530A
positively
decodes
PCI
transactions
intended for any internal registers, the ROM address
range, and several peripheral and user-defined address
ranges. For positive-decoded transactions, the CS5530A is
a medium responder. Table 4-3 lists the valid C/BE# encod-
ing for PCI target transactions.
The CS5530A acts as the subtractive agent in the system
since it contains the ISA bridge functionality. Subtractive
decoding ensures that all accesses not positively claimed
by PCI devices are forwarded to the ISA bus. The subtrac-
tive-decoding sample point can be configured as slow,
default, or disabled via F0 Index 41h[2:1]. Table 4-4 shows
these programming bits. Figure 4-4 shows the timing for
subtractive decoding.
Note:
I/O accesses that are mis-aligned so as to include
address 0FFFFh and at least one byte beyond will
“wrap” around to I/O address 0000h.
Figure 4-4. Subtractive Decoding Timing
Table 4-3. PCI Command Encoding
C/BE[3:0]#
Command Type
0000
Interrupt Acknowledge
0001
Special Cycles: Shutdown,
AD[15:0] = 0000
Special Cycles: Halt, AD[15:0] = 0001
0010
I/O Read
0011
I/O Write
010x
Reserved
0110
Memory Read
0111
Memory Write
100x
Reserved
1010
Configuration Read
1011
Configuration Write
1100
Memory Read Multiple
(memory read only)
1101
Reserved
1110
Memory Read Line (memory read only)
1111
Memory Write, Invalidate (memory write)
Table 4-4. Subtractive Decoding Related Bits
Bit
Description
F0 Index 41h
PCI Function Control Register 2 (R/W)
Reset Value = 10h
2:1
Subtractive Decode: These bits determine the point at which the CS5530A accepts cycles that are not claimed by another
device. The CS5530A defaults to taking subtractive decode cycles in the default cycle clock, but can be moved up to the
Slow Decode cycle point if all other PCI devices decode in the fast or medium clocks. Disabling subtractive decode must be
done with care, as all ISA and ROM cycles are decoded subtractively.
00 = Default sample (4th clock from FRAME# active)
01 = Slow sample (3rd clock from FRAME# active)
1x = No subtractive decode
PCI_CLK
FRAME#
IRDY#
TRDY#
DEVSEL#
FAST
MED
SLOW
SUB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com