Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530A Datasheet(PDF) 82 Page - Advanced Micro Devices

Part # CS5530A
Description  AMD Geode CS5530A Companion Device
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

CS5530A Datasheet(HTML) 82 Page - Advanced Micro Devices

Back Button CS5530A Datasheet HTML 78Page - Advanced Micro Devices CS5530A Datasheet HTML 79Page - Advanced Micro Devices CS5530A Datasheet HTML 80Page - Advanced Micro Devices CS5530A Datasheet HTML 81Page - Advanced Micro Devices CS5530A Datasheet HTML 82Page - Advanced Micro Devices CS5530A Datasheet HTML 83Page - Advanced Micro Devices CS5530A Datasheet HTML 84Page - Advanced Micro Devices CS5530A Datasheet HTML 85Page - Advanced Micro Devices CS5530A Datasheet HTML 86Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 259 page
background image
82
AMD Geode™ CS5530A Companion Device Data Book
Power Management
Revision 1.1
4.4.3.5
Power Management SMI Status Reporting
Registers
The CS5530A updates status registers to reflect the SMI
sources. Power management SMI sources are the device
idle timers, address traps, and general purpose I/O pins.
Power management events are reported to the processor
through the SMI# pin. It is active low. When an SMI is initi-
ated, the SMI# pin is asserted low and is held low until all
SMI sources are cleared. At that time, SMI# is deasserted.
All SMI sources report to the Top Level SMI Status Regis-
ter (F1BAR+Memory Offset 02h) and the Top Level SMI
Status Mirror Register (F1BAR+Memory Offset 00h). The
Top SMI Status and Status Mirror Registers are the top
level of hierarchy for the SMI handler in determining the
source of an SMI. These two registers are identical except
that reading the register at F1BAR+Memory Offset 02h
clears the status.
Since all SMI sources report to the Top Level SMI Status
Register, many of its bits combine a large number of events
requiring a second level of SMI status reporting. The sec-
ond level of SMI status reporting is set up very much like
the top level. There are two status reporting registers, one
“read only” (mirror) and one “read to clear”. The data
returned by reading either offset is the same, the difference
between the two being that the SMI can not be cleared by
reading the mirror register.
Figure 4-7 on page 83 shows an example SMI tree for
checking and clearing the source of general purpose timer
and the user defined trap generated SMIs.
Table 4-33 on page 84 shows the bit formats of the read to
clear Top Level SMI Status Register (F1BAR+Memory Off-
set 02h). Table 4-34 starting on page 85 shows the bit for-
mats of the read to clear second level SMI status registers.
For information regarding the location of the corresponding
mirror register, refer to the note in the footer of the register
description.
Keep in mind, all SMI sources in the CS5530A are reported
into the Top Level SMI Status Registers (F1BAR+Memory
Offset 00h/02h); however, this discussion is regarding
power management SMIs. For details regarding audio SMI
events/reporting, refer to Section 4.7.2.2 "Audio SMI
Related Registers" on page 125.
0
Enable GPIO3 as an External SMI Source: Allow GPIO3 to be an external SMI source and to generate an SMI on either a
rising or falling edge transition (depends upon setting of bit 4) 0 = Disable; 1 = Enable.
Top level SMI status is reported at F1BAR+Memory Offset 00h/02h[0].
Second level SMI status reporting is at F0 Index 84h/F4h[0].
Note: For any of the above bits to function properly, the respective GPIO pin must be configured as an input (F0 Index 90h).
Table 4-32. GPIO Pin Configuration/Control Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com