Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530A Datasheet(PDF) 12 Page - Advanced Micro Devices

Part # CS5530A
Description  AMD Geode CS5530A Companion Device
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

CS5530A Datasheet(HTML) 12 Page - Advanced Micro Devices

Back Button CS5530A Datasheet HTML 8Page - Advanced Micro Devices CS5530A Datasheet HTML 9Page - Advanced Micro Devices CS5530A Datasheet HTML 10Page - Advanced Micro Devices CS5530A Datasheet HTML 11Page - Advanced Micro Devices CS5530A Datasheet HTML 12Page - Advanced Micro Devices CS5530A Datasheet HTML 13Page - Advanced Micro Devices CS5530A Datasheet HTML 14Page - Advanced Micro Devices CS5530A Datasheet HTML 15Page - Advanced Micro Devices CS5530A Datasheet HTML 16Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 259 page
background image
12
AMD Geode™ CS5530A Companion Device Data Book
AMD Geode™ CS5530A Companion Device
Revision 1.1
Two bus mastering IDE controllers are included for support
of up to four ATA-compliant devices. A two-port Universal
Serial Bus (USB) provides high speed, Plug & Play expan-
sion for a variety of consumer peripheral devices such as a
keyboard, mouse, printer, and digital camera. If additional
functions are required like real-time clock, floppy disk, PS2
keyboard, and PS2 mouse, a SuperI/O device can be eas-
ily connected to the CS5530A.
1.2
Features
General Features
■ Designed for use with AMD’s Geode GX1 processor
■ 352 PBGA (Plastic Ball Grid Array) package
■ 3.3V or 5.0V PCI bus compatible
■ 5.0V tolerant on all inputs
■ 3.3V core
PCI-to-ISA Bridge
■ PCI 2.1 compliant
■ Supports PCI initiator-to-ISA and ISA master-to-PCI
cycle translations
■ PCI master for audio I/O and IDE controllers
■ Subtractive agent for unclaimed transactions
■ PCI-to-ISA interrupt mapper/translator
AT Compatibility
■ Two 8259A-equivalent interrupt controllers
■ 8254-equivalent timer
■ Two 8237-equivalent DMA controllers
■ Boot ROM and keyboard chip select
■ Extended ROM to 16 MB
Bus Mastering IDE Controllers
■ Two controllers with support for up to four IDE devices
■ Independent timing for master and slave devices for both
channels
■ PCI bus master burst reads and writes
■ Ultra DMA/33 (ATA-4) support
■ Multiword DMA support
■ Programmed I/O (PIO) Modes 0-4 support
Power Management
■ Intelligent system controller supports multiple power
management standards:
— Full ACPI and Legacy (APM) support
— Directly manages all GX1 processor’s power states
(including automatic Suspend modulation for optimal
performance/thermal balancing)
■ I/O traps and idle timers for peripheral power
management
■ Up to eight GPIOs for system control:
— All eight are configurable as external wakeup events
■ Dedicated inputs for keyboard and mouse wakeup
events
XpressAUDIO™ Subsystem
■ Provides "back-end" hardware support via six buffered
PCI bus masters
■ AC97 codec interface:
— Specification Revision 1.3, 2.0, and 2.1 compliant
interface. Note that the codec must have SRC
(sample rate conversion) support
Display Subsystem Extensions
■ Complements the GX1 processor’s graphics and video
capabilities:
— Three independent line buffers for accelerating video
data streams
— Handles asynchronous video and graphics data
streams concurrently from the processor
— YUV to RGB conversion hardware
— Arbitrary X & Y interpolative scaling
— Color keying for graphics/video overlay
■ VDACs / Display interface:
— Three integrated DACs
—Gamma RAM:
– Provides gamma correction for graphics data
streams
– Provides brightness/contrast correction for video
data streams
— Integrated DOT clock generator
— Digital RGB interface drives TFT panels or standard
NTSC/PAL encoders
— Up to 1280x1024 @ 85 Hz
Universal Serial Bus
■ Two independent USB interfaces:
— Open Host Controller Interface (OpenHCI)
specification compliant
— Second generation proven core design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com