Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT12X21 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # HT12X21
Description  TFT-LCD PRODUCT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HT12X21 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button HT12X21 Datasheet HTML 13Page - List of Unclassifed Manufacturers HT12X21 Datasheet HTML 14Page - List of Unclassifed Manufacturers HT12X21 Datasheet HTML 15Page - List of Unclassifed Manufacturers HT12X21 Datasheet HTML 16Page - List of Unclassifed Manufacturers HT12X21 Datasheet HTML 17Page - List of Unclassifed Manufacturers HT12X21 Datasheet HTML 18Page - List of Unclassifed Manufacturers HT12X21 Datasheet HTML 19Page - List of Unclassifed Manufacturers HT12X21 Datasheet HTML 20Page - List of Unclassifed Manufacturers HT12X21 Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
PRODUCT GROUP
REV.
ISSUE DATE
TFT-LCD PRODUCT
A
2003.07.22
PAGE
SPEC. NUMBER
S864-1148
SPEC. TITLE
HT12X21-100 Product Specification
17
OF
22
B3-002-O (3/3)
A4 (210 X 297)
11.0 RELIABILITY TEST
No
Test Items
Conditions
1
High temperature storage test
Ta = 60
°C, 240 hrs
2
Low temperature storage test
Ta = -20
°C, 240 hrs
3
High temperature operation Test
Ta = 50
°C, 240 hrs
4
High temperature & high humidity
operation test
Ta = 50
°C, 80 %RH, 240 hrs
5
Low temperature operation test
Ta = 0
°C, 240 hrs
6
Thermal shock
Ta = -20
°C ↔ 60 °C (30 min), 100 cycle
7
Vibration test
(non-operating)
Frequency
Gravity/AMP
Period
: 10 ~ 500 Hz
: 1.5G
: X, Y, Z 30 min
8
Shock test
(non-operating)
Gravity
Pulse width
: 150G
: 6ms, half sine wave
±X, ±Y, ±Z Once for each direction
9
Electrostatic discharge test
Air
Contact
: 150 pF, 330Ù , 15KV
: 150 pF, 330Ù , 8KV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com