Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT12X21 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # HT12X21
Description  TFT-LCD PRODUCT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HT12X21 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button HT12X21 Datasheet HTML 9Page - List of Unclassifed Manufacturers HT12X21 Datasheet HTML 10Page - List of Unclassifed Manufacturers HT12X21 Datasheet HTML 11Page - List of Unclassifed Manufacturers HT12X21 Datasheet HTML 12Page - List of Unclassifed Manufacturers HT12X21 Datasheet HTML 13Page - List of Unclassifed Manufacturers HT12X21 Datasheet HTML 14Page - List of Unclassifed Manufacturers HT12X21 Datasheet HTML 15Page - List of Unclassifed Manufacturers HT12X21 Datasheet HTML 16Page - List of Unclassifed Manufacturers HT12X21 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
PRODUCT GROUP
REV.
ISSUE DATE
TFT-LCD PRODUCT
A
2003.07.22
PAGE
SPEC. NUMBER
S864-1148
SPEC. TITLE
HT12X21-100 Product Specification
13
OF
22
B3-002-O (3/3)
A4 (210 X 297)
7.0 SIGNAL TIMING WAVEFORMS OF INTERFACE SIGNAL (DE MODE)
7.1 Vertical Timing Waveforms
7.2 Horizontal Timing Waveforms
MCLK
ENAB
x,1
x,2
x,y
x+1,1
x,768
Invalid Data
Data
Invalid
Th
Tv
Tvd
R7 ~ R0
G7 ~ G0
B7 ~ B0
MCLK
ENAB
D1
D2
Dn
Data
D1
D2
D3
Invalid
D1022
D1023
D1024
Th
Thd
Tc
RA7 ~RA0
GA7 ~GA0
BA7 ~BA0
Tch
Tcl
Tdh
Tds
2.0V
0.8V
2.0V
0.8V
Tes
2.0V
MCLK
Valid
Data
Data
ENAB
1.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com