Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT12X21 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # HT12X21
Description  TFT-LCD PRODUCT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HT12X21 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button HT12X21 Datasheet HTML 5Page - List of Unclassifed Manufacturers HT12X21 Datasheet HTML 6Page - List of Unclassifed Manufacturers HT12X21 Datasheet HTML 7Page - List of Unclassifed Manufacturers HT12X21 Datasheet HTML 8Page - List of Unclassifed Manufacturers HT12X21 Datasheet HTML 9Page - List of Unclassifed Manufacturers HT12X21 Datasheet HTML 10Page - List of Unclassifed Manufacturers HT12X21 Datasheet HTML 11Page - List of Unclassifed Manufacturers HT12X21 Datasheet HTML 12Page - List of Unclassifed Manufacturers HT12X21 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
PRODUCT GROUP
REV.
ISSUE DATE
TFT-LCD PRODUCT
A
2003.07.22
PAGE
SPEC. NUMBER
S864-1148
SPEC. TITLE
HT12X21-100 Product Specification
9
OF
22
B3-002-O (3/3)
A4 (210 X 297)
5.0 INTERFACE CONNECTION
5.1 Electrical Interface
CN1
Interface connector
: DF19L-20P-1H (HIROSE) or equivalent
User side connector
: DF19G-20S-1C (HIROSE) or equivalent
Pin No
Symbol
Function
Remark
1
VDD1
Power Supply: +3.3V
2
VDD2
Power Supply: +3.3V
3
VSS
Ground
4
VSS
Ground
5
RIN0-
LVDS Negative data signal (-)
Tx pin # 48
6
RIN0+
LVDS Positive data signal (+)
Tx pin # 47
7
VSS
Ground
8
RIN1-
LVDS Negative data signal (-)
Tx pin # 46
9
RIN1+
LVDS Positive data signal (+)
Tx pin # 45
10
VSS
Ground
11
RIN2-
LVDS Negative data signal (-)
Tx pin # 42
12
RIN2+
LVDS Positive data signal (+)
Tx pin # 41
13
VSS
Ground
14
RCLKIN-
LVDS Negative clock signal (-)
Tx pin # 40
15
RCLKIN+
LVDS Positive clock signal (+)
Tx pin # 39
16
VSS
Ground
17
NC
No Connection
18
NC
No Connection
19
VSS
Ground
10
VSS
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com