Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT12X21 Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # HT12X21
Description  TFT-LCD PRODUCT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HT12X21 Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button HT12X21 Datasheet HTML 11Page - List of Unclassifed Manufacturers HT12X21 Datasheet HTML 12Page - List of Unclassifed Manufacturers HT12X21 Datasheet HTML 13Page - List of Unclassifed Manufacturers HT12X21 Datasheet HTML 14Page - List of Unclassifed Manufacturers HT12X21 Datasheet HTML 15Page - List of Unclassifed Manufacturers HT12X21 Datasheet HTML 16Page - List of Unclassifed Manufacturers HT12X21 Datasheet HTML 17Page - List of Unclassifed Manufacturers HT12X21 Datasheet HTML 18Page - List of Unclassifed Manufacturers HT12X21 Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
PRODUCT GROUP
REV.
ISSUE DATE
TFT-LCD PRODUCT
A
2003.07.22
PAGE
SPEC. NUMBER
S864-1148
SPEC. TITLE
HT12X21-100 Product Specification
15
OF
22
B3-002-O (3/3)
A4 (210 X 297)
9.0 POWER SEQUENCE
To prevent a latch-up or DC operation of the LCD module, the power on/off sequence should be
as shown in below
l 0 < T1
≤ 10 ms
l 0 < T2
≤ 50 ms
l 100 ms
≤ T3, T4
l 0 < T5
≤ 50 ms
l 1 sec < T6
Notes:
1. When the power supply VDD is 0V, Keep the level of input signals on the low or keep high
impedance.
2. Do not keep the interface signal high impedance when power is on.
3. Back Light must be turn on after power for logic and interface signal are valid.
T1
Power Supply
Interface Signal
Back- light
Valid
T2
T5
T3
T4
0.9VDD
0.1VDD
0.9VDD
0.1VDD
0V
0
0
T6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com