Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT12X21 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # HT12X21
Description  TFT-LCD PRODUCT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HT12X21 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  HT12X21 Datasheet HTML 1Page - List of Unclassifed Manufacturers HT12X21 Datasheet HTML 2Page - List of Unclassifed Manufacturers HT12X21 Datasheet HTML 3Page - List of Unclassifed Manufacturers HT12X21 Datasheet HTML 4Page - List of Unclassifed Manufacturers HT12X21 Datasheet HTML 5Page - List of Unclassifed Manufacturers HT12X21 Datasheet HTML 6Page - List of Unclassifed Manufacturers HT12X21 Datasheet HTML 7Page - List of Unclassifed Manufacturers HT12X21 Datasheet HTML 8Page - List of Unclassifed Manufacturers HT12X21 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
PRODUCT GROUP
REV.
ISSUE DATE
TFT-LCD PRODUCT
A
2003.07.22
PAGE
SPEC. NUMBER
S864-1148
SPEC. TITLE
HT12X21-100 Product Specification
5
OF
22
B3-002-O (3/3)
A4 (210 X 297)
1.4 General Specifications
Parameter
Specification
Unit
Remark
Active area
245.76 X 184.32
mm
Number of pixels
1024(H) × 768(V)
pixels
Pixel pitch
0.240(H) × 0.240(V)
mm
Pixel arrangement
RGB Vertical stripe
Display colors
262,144
colors
Display mode
Normally Black
Dimensional outline
270.0(H)X199.0(V)X6.5 Max @ Pouch
mm
Note 2
Weight
290 typ.
gram
Back-light
Bottom edge side 1-CCFL type
Note 1
Surface treatment
Haze 25, Anti-glare & hard-coating (3H)
Note: 1. CCFL (Cold Cathode Fluorescent Lamp)
2. LCM Height: 4.6[mm]Typ.(Lamp) , 6.5[mm]Max(Pouch)
2.0 ABSOLUTE MAXIMUM RATINGS
The followings are maximum values which, if exceed, may cause faulty operation or damage to
the unit.
[VSS = GND = 0V]
Parameter
Symbol
Min
Max
Unit
Remark
Power Input Voltage
VDD
VSS-0.3
4.0
V
Logic Input Voltage
VIN
VSS-0.3
VDD+0.3
V
Ta = 25
Back-light Lamp Current
IBL
2
6
mA
Back-light lamp Frequency
FL
30
80
KHz
Operating Temperature
(Humidity)
TOP
RH
0
+50
80
%
40
Storage Temperature
(Humidity)
TST
RH
-20
+60
90
%
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com