Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT12X21 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # HT12X21
Description  TFT-LCD PRODUCT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HT12X21 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  HT12X21 Datasheet HTML 1Page - List of Unclassifed Manufacturers HT12X21 Datasheet HTML 2Page - List of Unclassifed Manufacturers HT12X21 Datasheet HTML 3Page - List of Unclassifed Manufacturers HT12X21 Datasheet HTML 4Page - List of Unclassifed Manufacturers HT12X21 Datasheet HTML 5Page - List of Unclassifed Manufacturers HT12X21 Datasheet HTML 6Page - List of Unclassifed Manufacturers HT12X21 Datasheet HTML 7Page - List of Unclassifed Manufacturers HT12X21 Datasheet HTML 8Page - List of Unclassifed Manufacturers HT12X21 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
PRODUCT GROUP
REV.
ISSUE DATE
TFT-LCD PRODUCT
A
2003.07.22
PAGE
SPEC. NUMBER
S864-1148
SPEC. TITLE
HT12X21-100 Product Specification
4
OF
22
B3-002-O (3/3)
A4 (210 X 297)
1.0 GENERAL DESCRIPTION
1.1 Introduction
12.1”XGA is a color active matrix TFT LCD module using amorphous silicon TFT's (Thin Film
Transistors) as an active switching devices. This module has a 12.1 inch diagonally measured
active area with XGA resolutions (1024 horizontal by 768 vertical pixel array). Each pixel is divided
into RED, GREEN, BLUE dots which are arranged in vertical stripe and this module can display
262,144 colors. The TFT-LCD panel used for this module is a low reflection and higher color type.
1.2 Features
l LVDS Interface with 1pixel / clock
l High-speed response
l 6-bit color depth, Display 262,144 colors
l Incorporated edge type back-light (1 lamp)
l High luminance and contrast ratio, low reflection and wide viewing angle
l DE (Data Enable) mode only
1.3 Applications
l Pentype & Tablet PC
12.1" XGA
T/CON
LVDS 1CH
(6bit)
Power
Block
VDD
(3.3V)
CN1
CN2
Source Driver IC
(COF)
Gate Driver IC
(COF)
Ramp Reflector
Ramp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com