Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT12X21 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # HT12X21
Description  TFT-LCD PRODUCT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HT12X21 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button HT12X21 Datasheet HTML 2Page - List of Unclassifed Manufacturers HT12X21 Datasheet HTML 3Page - List of Unclassifed Manufacturers HT12X21 Datasheet HTML 4Page - List of Unclassifed Manufacturers HT12X21 Datasheet HTML 5Page - List of Unclassifed Manufacturers HT12X21 Datasheet HTML 6Page - List of Unclassifed Manufacturers HT12X21 Datasheet HTML 7Page - List of Unclassifed Manufacturers HT12X21 Datasheet HTML 8Page - List of Unclassifed Manufacturers HT12X21 Datasheet HTML 9Page - List of Unclassifed Manufacturers HT12X21 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
PRODUCT GROUP
REV.
ISSUE DATE
TFT-LCD PRODUCT
A
2003.07.22
PAGE
SPEC. NUMBER
S864-1148
SPEC. TITLE
HT12X21-100 Product Specification
6
OF
22
B3-002-O (3/3)
A4 (210 X 297)
3.0 ELECTRICAL SPECIFICATIONS
[Ta = 25±2 ]
Parameter
Min
Typ
Max
Unit
Remark
Power Supply Voltage
VDD
3.0
3.3
3.6
V
Power Supply Current
IDD
-
240
mA
Note1
Permissible Input Ripple Voltage
VRF
-
-
100
mV
VDD = 3.3V
High Level Differential Input
Threshold Voltage
VIH
-
-
+100
mV
Low Level Differential Input
Threshold Voltage
VIL
-100
-
-
mV
Vcm
= 1.2V typ.
Back-light Lamp Voltage
VBL
-
600
-
Vrms
Back-light Lamp Current
IBL
2.0
5.0
6.0
mArm
Back-light Lamp Frequency
FL
30
60
80
KHz
Note 2
950
Vrms
25 , Note 3
Lamp Start Voltage
1150
Vrms
0
, Note 3
Lamp Life
10,000
hrs
IBL= 2.0~6.0mA
PD
0.7
W
PBL
3.0
W
IBL = 5.0mA,
Note 4
Power Consumption
Ptotal
3.7
W
Notes:
1. The supply voltage is measured and specified at the interface connector of LCM.
The current draw and power consumption specified is for VDD = 3.3V, Frame rate = 60
Hz and Clock frequency = 65MHz.
Test Pattern of power supply current
a) Typ : Vertical color bar pattern
b) Max : Gray 28 @ Vertical 2 Skip line pattern
2. The lamp frequency should be selected as different as possible from the horizontal
synchronous frequency and its harmonics to avoid interference, which may cause line
flow on the display
3. The voltage above this value should be applied to the lamps for more than 1 second to
startup. Otherwise the lamps may not to be turned on.
4. Calculated value for reference (VBL × IBL) excluding inverter loss.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com