Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT12X21 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # HT12X21
Description  TFT-LCD PRODUCT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HT12X21 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button HT12X21 Datasheet HTML 14Page - List of Unclassifed Manufacturers HT12X21 Datasheet HTML 15Page - List of Unclassifed Manufacturers HT12X21 Datasheet HTML 16Page - List of Unclassifed Manufacturers HT12X21 Datasheet HTML 17Page - List of Unclassifed Manufacturers HT12X21 Datasheet HTML 18Page - List of Unclassifed Manufacturers HT12X21 Datasheet HTML 19Page - List of Unclassifed Manufacturers HT12X21 Datasheet HTML 20Page - List of Unclassifed Manufacturers HT12X21 Datasheet HTML 21Page - List of Unclassifed Manufacturers HT12X21 Datasheet HTML 22Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
PRODUCT GROUP
REV.
ISSUE DATE
TFT-LCD PRODUCT
A
2003.07.22
PAGE
SPEC. NUMBER
S864-1148
SPEC. TITLE
HT12X21-100 Product Specification
20
OF
22
B3-002-O (3/3)
A4 (210 X 297)
Figure 3. Response Time Testing
Figure 4. Cross Modulation Test Description
YB - YA
Cross-Talk =
YA
× 100
Where:
YA = Initial luminance of measured area (cd/m
2)
YB = Subsequent luminance of measured area (cd/m
2)
The location measured will be exactly the same in both patterns.
TFT Off(Black)
TFT On(White)
TFT Off(Black)
Tr
100%
90%
10%
0%
Td
VIEW AREA
YA (896, 384)
256, 192
256, 576
768, 576
768, 192
YB (896, 384)
VIEW AREA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com